Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3BT23Y98AWMNOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # CP3BT23Y98AWMNOPB
Description  CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
Download  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3BT23Y98AWMNOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button CP3BT23Y98AWMNOPB Datasheet HTML 4Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 5Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 6Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 7Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 8Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 9Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 10Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 11Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 324 page
background image
CP3BT23
SNOSCX3A – JULY 2013 – REVISED JANUARY 2014
www.ti.com
3.16 MULTI-FUNCTION TIMER
The Multi-Function Timer (MFT) module contains a pair of 16-bit timer/counter registers. Each
timer/counter unit can be configured to operate in any of the following modes:
Processor-Independent Pulse Width Modulation (PWM) mode: Generates pulses of a specified width
and duty cycle and provides a general-purpose timer/ counter.
Dual Input Capture mode: Measures the elapsed time between occurrences of external event and
provides a general-purpose timer/counter.
Dual Independent Timer mode: Generates system timing signals or counts occurrences of external
events.
Single Input Capture and Single Timer mode: Provides one external event counter and one system
timer.
3.17 TIMING AND WATCHDOG MODULE
The Timing and Watchdog Module (TWM) contains a RealTime timer and a Watchdog unit. The Real-
Time Clock Timing function can be used to generate periodic real-time based system interrupts. The timer
output is one of 16 inputs to the Multi-Input Wake-Up module which can be used to exit from a power-
saving mode. The Watchdog unit is designed to detect the application program getting stuck in an infinite
loop resulting in loss of program control or “runaway” programs. When the watchdog triggers, it resets the
device. The TWM is clocked by the low-speed System Clock.
3.18 VERSATILE TIMER UNIT
The Versatile Timer Unit (VTU) module contains four independent timer subsystems, each operating in
either dual 8bit PWM configuration, as a single 16-bit PWM timer, or a 16-bit counter with two input
capture channels. Each of the four timer subsystems offer an 8-bit clock prescaler to accommodate a wide
range of frequencies.
3.19 TRIPLE CLOCK AND RESET
The Triple Clock and Reset module generates a high-speed main System Clock from an external crystal
network. It also provides the main system reset signal and a power-on reset function.
This module generates a slow System Clock (32.768 kHz) from an optional external crystal network. The
Slow Clock is used for operating the device in a low-power mode. The 32.768 kHz external crystal network
is optional, because the low speed System Clock can be derived from the highspeed clock by a prescaler.
Also, two independent clocks divided down from the high speed clock are available on output pins.
The Triple Clock and Reset module provides the clock signals required for the operation of the various
CP3BT23 onchip modules. From external crystal networks, it generates the Main Clock, which can be
scaled up to 24 MHz from an external 12 MHz input clock, and a 32.768 kHz secondary System Clock.
The 12 MHz external clock is primarily used as the reference frequency for the on-chip PLL. The clock for
modules which require a fixed clock rate (e.g. the Bluetooth LLC and the CVSD/PCM transcoder) is also
generated through prescalers from the 12 MHz clock. The PLL may be used to drive the high-speed
System Clock through a prescaler. Alternatively, the high speed System Clock can be derived directly
from the 12 MHz Main Clock.
In addition, this module generates the device reset by using reset input signals coming from an external
reset and various on-chip modules.
8
Device Overview
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CP3BT23


Similar Part No. - CP3BT23Y98AWMNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CP3BT23 TI1-CP3BT23 Datasheet
1Mb / 260P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
More results

Similar Description - CP3BT23Y98AWMNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CP3BT23 TI1-CP3BT23 Datasheet
1Mb / 260P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
logo
National Semiconductor ...
CP3BT26 NSC-CP3BT26 Datasheet
3Mb / 278P
   Reprogrammable Connectivity Processor with Bluetooth-R, USB, and CAN Interfaces
CP3BT13 NSC-CP3BT13 Datasheet
3Mb / 232P
   CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
CP3BT10 NSC-CP3BT10 Datasheet
3Mb / 210P
   Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3CN23 NSC-CP3CN23 Datasheet
3Mb / 246P
   CP3CN23 Reprogrammable Connectivity Processor with Dual CAN Interfaces
CP3UB26 NSC-CP3UB26 Datasheet
3Mb / 268P
   Reprogrammable Connectivity Processor with USB and CAN Interfaces
CP3SP33 NSC-CP3SP33 Datasheet
146Kb / 6P
   CP3SP33 Connectivity Processor with Cache, DSP, and Bluetooth, USB, and Dual CAN Interfaces
CP3CN17 NSC-CP3CN17 Datasheet
3Mb / 220P
   Reprogrammable Connectivity Processor with CAN Interface
logo
Texas Instruments
CP3SP33 TI1-CP3SP33 Datasheet
2Mb / 407P
[Old version datasheet]   Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
logo
National Semiconductor ...
CP3UB17 NSC-CP3UB17 Datasheet
3Mb / 200P
   CP3UB17 Reprogrammable Connectivity Processor with USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com