Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8SGH5 Datasheet(PDF) 10 Page - Texas Instruments

Part # COP8SGH5
Description  COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8SGH5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button COP8SGH5 Datasheet HTML 6Page - Texas Instruments COP8SGH5 Datasheet HTML 7Page - Texas Instruments COP8SGH5 Datasheet HTML 8Page - Texas Instruments COP8SGH5 Datasheet HTML 9Page - Texas Instruments COP8SGH5 Datasheet HTML 10Page - Texas Instruments COP8SGH5 Datasheet HTML 11Page - Texas Instruments COP8SGH5 Datasheet HTML 12Page - Texas Instruments COP8SGH5 Datasheet HTML 13Page - Texas Instruments COP8SGH5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
COP8SGE5, COP8SGE7, COP8SGH5
COP8SGK5, COP8SGR5, COP8SGR7
SNOS516E – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
7V
Voltage at Any Pin
−0.3V to VCC +0.3V
Total Current into VCC Pin (Source)
100 mA
Total Current out of GND Pin (Sink)
110 mA
Storage Temperature Range
−65°C to +140°C
ESD Protection Level
2kV (Human Body Model)
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications are not
ensured when operating the device at absolute maximum ratings.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
DC Electrical Characteristics
−40°C ≤ TA ≤ +125°C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
4.5
5.5
V
Power Supply Rise Time
10
50 x 106
ns
VCC Start Voltage to Ensure POR
0
0.25
V
Power Supply Ripple(1)
Peak-to-Peak
0.1 Vcc
V
Supply Current(2)
CKI = 10 MHz
VCC = 5.5V, tC = 1 μs
6.0
mA
CKI = 4 MHz
VCC = 4.5V, tC = 2.5 μs
2.1
mA
HALT Current(3)
VCC = 5.5V, CKI = 0 MHz
<4
10
μA
IDLE Current(2)
CKI = 10 MHz
VCC = 5.5V, tC = 1 μs
1.5
mA
CKI = 4 MHz
VCC = 4.5V, tC = 2.5 μs
0.8
mA
Input Levels (VIH, VIL)
RESET
Logic High
0.8 Vcc
V
Logic Low
0.2 Vcc
V
CKI, All Other Inputs
0.7 Vcc
Logic High
V
Logic Low
0.2 Vcc
V
Internal Bias Resistor for the
0.5
1
2
M
Crystal/Resonator Oscillator
CKI Resistance to VCC or GND when R/C
VCC = 5.5V
5
8
11
k
Oscillator is selected
Hi-Z Input Leakage
VCC = 5.5V
−5
+5
μA
Input Pullup Current
VCC = 5.5V, VIN = 0V
−35
−400
μA
G and L Port Input Hysteresis
VCC = 5.5V
0.25 Vcc
V
(1)
Maximum rate of voltage change must be < 0.5 V/ms.
(2)
Supply and IDLE currents are measured with CKI driven with a square wave Oscillator, External Oscillator, inputs connected to VCC and
outputs driven low but not connected to a load.
(3)
The HALT mode will stop CKI from oscillating in the R/C and the Crystal configurations. In the R/C configuration, CKI is forced high
internally. In the crystal or external configuration, CKI is TRI-STATE. Measurement of IDD HALT is done with device neither sourcing nor
sinking current; with L. F, C, G0, and G2–G5 programmed as low outputs and not driving a load; all outputs programmed low and not
driving a load; all inputs tied to VCC; clock monitor disabled. Parameter refers to HALT mode entered via setting bit 7 of the G Port data
register.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: COP8SGE5 COP8SGE7 COP8SGH5 COP8SGK5 COP8SGR5 COP8SGR7


Similar Part No. - COP8SGH5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGH5 NSC-COP8SGH5 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGH5 NSC-COP8SGH5 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGH5 NSC-COP8SGH5 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGH528D3 NSC-COP8SGH528D3 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGH528D6 NSC-COP8SGH528D6 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
More results

Similar Description - COP8SGH5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SG NSC-COP8SG Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
logo
National Semiconductor ...
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
Texas Instruments
COP888XG_CS TI1-COP888XG_CS Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com