Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8CCE9 Datasheet(PDF) 4 Page - Texas Instruments

Part # COP8CCE9
Description  COP8CBE9/CCE9 8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10- Bit A/D and Brownout Reset
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCE9 Datasheet(HTML) 4 Page - Texas Instruments

  COP8CCE9_14 Datasheet HTML 1Page - Texas Instruments COP8CCE9_14 Datasheet HTML 2Page - Texas Instruments COP8CCE9_14 Datasheet HTML 3Page - Texas Instruments COP8CCE9_14 Datasheet HTML 4Page - Texas Instruments COP8CCE9_14 Datasheet HTML 5Page - Texas Instruments COP8CCE9_14 Datasheet HTML 6Page - Texas Instruments COP8CCE9_14 Datasheet HTML 7Page - Texas Instruments COP8CCE9_14 Datasheet HTML 8Page - Texas Instruments COP8CCE9_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 103 page
background image
COP8CCE9
SNOS978I – MAY 2004 – REVISED JUNE 2004
www.ti.com
Table 2. Pinouts for 44- and 48-Pin Packages (continued)
In System
Port
Type
Alt. Function
Emulation
44-Pin WQFN
44-Pin PLCC
48-Pin TSSOP
Mode
L5
I/O
MIWU or T2B
21
16
16
L6
I/O
MIWU
22
17
17
L7
I/O
MIWU
23
18
18
G0
I/O
INT
Input
7
2
2
G1
I/O
WDOUTa
POUT
8
3
3
G2
I/O
T1B
Output
9
4
4
G3
I/O
T1A
Clock
10
5
5
G4
I/O
SO
11
6
6
G5
I/O
SK
12
7
7
G6
I
SI
13
8
8
G7
I
CKO
14
9
9
H0
I/O
42
37
41
H1
I/O
43
38
42
H2
I/O
44
39
43
H3
I/O
1
40
44
H4
I/O
2
41
45
H5
I/O
3
42
46
H6
I/O
4
43
47
H7
I/O
5
44
48
A0
I/O
ADCH0
33
A1
I/O
ADCH1
34
A2
I/O
ADCH2
36
31
35
A3
I/O
ADCH3
37
32
36
A4
I/O
ADCH4
38
33
37
A5
I/O
ADCH5
39
34
38
A6
I/O
ADCH6
40
35
39
A7
I/O
ADCH7
41
36
40
B0
I/O
ADCH8
24
19
19
B1
I/O
ADCH9
25
20
20
B2
I/O
ADCH10
26
21
21
B3
I/O
ADCH11
27
22
22
B4
I/O
ADCH12
28
23
23
B5
I/O
ADCH13 or A/D MUX OUT
29
24
24
B6
I/O
ADCH14 or A/D MUX OUT
30
25
25
B7
I/O
ADCH15 or A/DIN
31
26
26
DVCC
VCC
35
30
32
DGND
GND
32
27
27
AVCC
34
29
31
AGND
33
28
28
CKI
I
15
10
10
RESET
I
RESET
6
1
1
4
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: COP8CCE9


Similar Part No. - COP8CCE9_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
More results

Similar Description - COP8CCE9_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
COP8SBE9 NSC-COP8SBE9 Datasheet
841Kb / 70P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM and Brownout Reset
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CFE9 NSC-COP8CFE9 Datasheet
771Kb / 63P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
COP8AME9 TI1-COP8AME9_14 Datasheet
1Mb / 102P
[Old version datasheet]   COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
logo
National Semiconductor ...
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8AME9 NSC-COP8AME9 Datasheet
931Kb / 83P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9_14 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Microchip Technology
PIC12CE67X MICROCHIP-PIC12CE67X Datasheet
671Kb / 116P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com