Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F160TE-70PFTN Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MBM29F160TE-70PFTN
Description  16M (2M X 8/1M X 16) BIT
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F160TE-70PFTN Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MBM29F160TE-70PFTN Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F160TE-70PFTN Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F160TE-70PFTN Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F160TE-70PFTN Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F160TE-70PFTN Datasheet HTML 9Page - Fujitsu Component Limited. MBM29F160TE-70PFTN Datasheet HTML 10Page - Fujitsu Component Limited. MBM29F160TE-70PFTN Datasheet HTML 11Page - Fujitsu Component Limited. MBM29F160TE-70PFTN Datasheet HTML 12Page - Fujitsu Component Limited. MBM29F160TE-70PFTN Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
MBM29F160TE-55/-70/-90/MBM29F160BE-55/-70/-90
9
s DEVICE BUS OPERATIONS
Legend: L = VIL, H = VIH, X = VIL or VIH.
= pulse input. See DC Characteristics for voltage levels.
Notes: 1. Manufacturer and device codes may also be accessed via a command register write sequence. See
Table 7.
2. Refer to the section on Sector Protection.
3. WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
4. VCC =5.0 V ±10%
Table 2
MBM29F160TE/BE User Bus Operation (BYTE = VIH)
Operation
CE
OE
WE
A0
A1
A6
A9
DQ0 to
DQ15
RESET
WP
Auto-Select Manufacture Code (1)
L
L
H
L
L
L
VID
Code
H
X
Auto-Select Device Code (1)
L
L
H
H
L
L
VID
Code
H
X
Read (3)
L
L
H
A0
A1
A6
A9
DOUT
HX
Standby
H
X
X
X
X
X
X
HIGH-Z
H
X
Output Disable
L
H
H
X
X
X
X
HIGH-Z
H
X
Write (Program/Erase)
L
H
L
A0
A1
A6
A9
DIN
HX
Enable Sector Protection (2), (4)
L
VID
LHL
VID
XH
X
Verify Sector Protection (2), (4)
L
L
H
L
H
L
VID
Code
H
X
Temporary Sector Unprotection
X
X
X
X
X
X
X
X
VID
X
Reset (Hardware)/Standby
X
X
X
X
X
X
X
HIGH-Z
L
X
Boot Block Write Protection
X
X
X
X
X
X
X
X
X
L
Table 3
MBM29F160TE/BE User Bus Operation (BYTE = VIL)
Operation
CE
OE
WE DQ
15
/A-1
A0
A1
A6
A9
DQ0 to DQ7
RESET
WP
Auto-Select Manufacture Code (1)
L
L
H
L
L
L
L
VID
Code
H
X
Auto-Select Device Code (1)
L
L
H
L
H
L
L
VID
Code
H
X
Read (3)
L
L
H
A-1
A0
A1
A6
A9
DOUT
HX
Standby
H
X
X
X
X
X
X
X
HIGH-Z
H
X
Output Disable
L
H
H
X
X
X
X
X
HIGH-Z
H
X
Write (Program/Erase)
L
H
L
A-1
A0
A1
A6
A9
DIN
HX
Enable Sector Protection (2), (4)
L
VID
LL
H
L
VID
XH
X
Verify Sector Protection (2), (4)
L
L
H
L
L
H
L
VID
Code
H
X
Temporary Sector Unprotection
X
X
X
X
X
X
X
X
X
VID
X
Reset (Hardware)/Standby
X
X
X
X
X
X
X
X
HIGH-Z
L
X
Boot Block Write Protection
X
X
X
X
X
X
X
X
X
X
L


Similar Part No. - MBM29F160TE-70PFTN

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29F160TE70TR SPANSION-MBM29F160TE70TR Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
More results

Similar Description - MBM29F160TE-70PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Sharp Corporation
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
logo
AMIC Technology
LP62S161024 AMICC-LP62S161024 Datasheet
182Kb / 16P
   16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com