Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8AME9 Datasheet(PDF) 7 Page - Texas Instruments

Part # COP8AME9
Description  COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8AME9 Datasheet(HTML) 7 Page - Texas Instruments

Back Button COP8AME9_14 Datasheet HTML 3Page - Texas Instruments COP8AME9_14 Datasheet HTML 4Page - Texas Instruments COP8AME9_14 Datasheet HTML 5Page - Texas Instruments COP8AME9_14 Datasheet HTML 6Page - Texas Instruments COP8AME9_14 Datasheet HTML 7Page - Texas Instruments COP8AME9_14 Datasheet HTML 8Page - Texas Instruments COP8AME9_14 Datasheet HTML 9Page - Texas Instruments COP8AME9_14 Datasheet HTML 10Page - Texas Instruments COP8AME9_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
COP8AME9, COP8ANE9
www.ti.com
SNOS930F – MARCH 2001 – REVISED MARCH 2013
Electrical Characteristics DC Electrical Characteristics (
−40°C ≤ T
A ≤ +85°C) (continued)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Brownout Trip Level
4.17
4.28
4.5
V
Input Levels (VIH, VIL)
Logic High
0.8 VCC
V
Logic Low
0.16 VCC
V
Internal Bias Resistor for the CKI Crystal/Resonator
0.3
1.0
2.5
M
Oscillator
Hi-Z Input Leakage
VCC = 5.5V
−0.5
+0.5
μA
Input Pullup Current
VCC = 5.5V, VIN = 0V
−50
−210
μA
Port Input Hysteresis
0.25 VCC
V
Output Current Levels
Source (Weak Pull-Up Mode)
VCC = 4.5V, VOH = 3.8V
−10
μA
Source (Push-Pull Mode)
VCC = 4.5V, VOH = 3.8V
−7
mA
Sink (Push-Pull Mode) (4)
VCC = 4.5V, VOL = 1.0V
10
mA
Allowable Sink Current per Pin
15
mA
TRI-STATE Leakage
VCC = 5.5V
−0.5
+0.5
μA
Maximum Input Current without Latchup (5)
±200
mA
RAM Retention Voltage, VR (in HALT Mode)
2.0
V
Input Capacitance
7
pF
Voltage on G6 to force execution from Boot ROM (6)
G6 rise time must be slower
2 x VCC
VCC + 7
V
than 100 ns
G6 Rise Time to force execution from Boot ROM
100
nS
Input Current on G6 when Input > VCC
VIN = 11V, VCC = 5.5V
500
μA
Flash Endurance
100k
cycles
Flash Data Retention
25°C
100
years
(4)
Absolute Maximum Ratings should not be exceeded.
(5)
Pins G6 and RESET are designed with a high voltage input network. These pins allow input voltages > VCC and the pins will have sink
current to VCC when biased at voltages > VCC(the pins do not have source current when biased at a voltage below VCC). These two pins
will not latch up. The voltage at these pins must be limited to < (VCC+ 7V). WARNING: Voltages in excess of (VCC + 7V) will cause
damage to these pins. This warning excludes ESD transients.
(6)
Vcc must be valid and stable before G6 is raised to a high voltage.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: COP8AME9 COP8ANE9


Similar Part No. - COP8AME9_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8AME9EMW8 NSC-COP8AME9EMW8 Datasheet
931Kb / 83P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
COP8AME9ENA8 NSC-COP8AME9ENA8 Datasheet
931Kb / 83P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
More results

Similar Description - COP8AME9_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8AME9 NSC-COP8AME9 Datasheet
931Kb / 83P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
COP8SBE9 NSC-COP8SBE9 Datasheet
841Kb / 70P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM and Brownout Reset
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_14 Datasheet
1Mb / 103P
[Old version datasheet]   COP8CBE9/CCE9 8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10- Bit A/D and Brownout Reset
logo
National Semiconductor ...
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CFE9 NSC-COP8CFE9 Datasheet
771Kb / 63P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
logo
National Semiconductor ...
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9_14 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Microchip Technology
PIC12CE67X MICROCHIP-PIC12CE67X Datasheet
671Kb / 116P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com