Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29DL323TD-12 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MBM29DL323TD-12
Description  32M (4M X 8/2M X 16) BIT Dual Operation
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29DL323TD-12 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MBM29DL323TD-12 Datasheet HTML 1Page - Fujitsu Component Limited. MBM29DL323TD-12 Datasheet HTML 2Page - Fujitsu Component Limited. MBM29DL323TD-12 Datasheet HTML 3Page - Fujitsu Component Limited. MBM29DL323TD-12 Datasheet HTML 4Page - Fujitsu Component Limited. MBM29DL323TD-12 Datasheet HTML 5Page - Fujitsu Component Limited. MBM29DL323TD-12 Datasheet HTML 6Page - Fujitsu Component Limited. MBM29DL323TD-12 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29DL323TD-12 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29DL323TD-12 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
MBM29DL32XTD/BD-80/90/12
3
s GENERAL DESCRIPTION
The MBM29DL32XTD/BD are a 32M-bit, 3.0 V-only Flash memory organized as 4M bytes of 8 bits each or 2M
words of 16 bits each. The MBM29DL32XTD/BD are offered in a 48-pin TSOP(I) and FBGA Package. These
devices are designed to be programmed in-system with the standard system 3.0 V VCC supply. 12.0 V VPP and
5.0 V VCC are not required for write or erase operations. The devices can also be reprogrammed in standard
EPROM programmers.
MBM29DL32XTD/BD are organized into two banks, Bank 1 and Bank 2, which can be considered to be two
separate memory arrays as far as certain operations are concerned. These devices are the same as Fujitsu’s
standard 3 V only Flash memories with the additional capability of allowing a normal non-delayed read access
from a non-busy bank of the array while an embedded write (either a program or an erase) operation is
simultaneously taking place on the other bank.
In the MBM29DL32XTD/BD, a new design concept is implemented, so called “Sliding Bank Architecture”. Under
this concept, the MBM29DL32XTD/BD can be produced a series of devices with different Bank 1/Bank 2 size
combinations; 0.5 Mb/31.5 Mb, 4 Mb/28 Mb, 8 Mb/24 Mb, 16 Mb/16 Mb.
The standard MBM29DL32XTD/BD offer access times 80 ns, 90 ns and 120 ns, allowing operation of high-speed
microprocessors without wait states. To eliminate bus contention the devices have separate chip enable (CE),
write enable (WE), and output enable (OE) controls.
The MBM29DL32XTD/BD are pin and command set compatible with JEDEC standard E2PROMs. Commands
are written to the command register using standard microprocessor write timings. Register contents serve as
input to an internal state-machine which controls the erase and programming circuitry. Write cycles also internally
latch addresses and data needed for the programming and erase operations. Reading data out of the devices
is similar to reading from 5.0 V and 12.0 V Flash or EPROM devices.
The MBM29DL32XTD/BD are programmed by executing the program command sequence. This will invoke the
Embedded Program Algorithm which is an internal algorithm that automatically times the program pulse widths
and verifies proper cell margin. Typically, each sector can be programmed and verified in about 0.5 seconds.
Erase is accomplished by executing the erase command sequence. This will invoke the Embedded Erase
Algorithm which is an internal algorithm that automatically preprograms the array if it is not already programmed
before executing the erase operation. During erase, the devices automatically time the erase pulse widths and
verify proper cell margin.
A sector is typically erased and verified in 1.0 second. (If already completely preprogrammed.)
The devices also feature a sector erase architecture. The sector mode allows each sector to be erased and
reprogrammed without affecting other sectors. The MBM29DL32XTD/BD are erased when shipped from the
factory.
The devices feature single 3.0 V power supply operation for both read and write functions. Internally generated
and regulated voltages are provided for the program and erase operations. A low VCC detector automatically
inhibits write operations on the loss of power. The end of program or erase is detected by Data Polling of DQ7,
by the Toggle Bit feature on DQ6, or the RY/BY output pin. Once the end of a program or erase cycle has been
completed, the devices internally reset to the read mode.
Fujitsu’s Flash technology combines years of EPROM and E2PROM experience to produce the highest levels
of quality, reliability, and cost effectiveness. The MBM29DL32XTD/BD memories electrically erase the entire
chip or all bits within a sector simultaneously via Fowler-Nordhiem tunneling. The bytes/words are programmed
one byte/word at a time using the EPROM programming mechanism of hot electron injection.


Similar Part No. - MBM29DL323TD-12

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL323TE FUJITSU-MBM29DL323TE Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL323TE-12PBT FUJITSU-MBM29DL323TE-12PBT Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL323TE-12TN FUJITSU-MBM29DL323TE-12TN Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL323TE-12TR FUJITSU-MBM29DL323TE-12TR Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL323TE-80PBT FUJITSU-MBM29DL323TE-80PBT Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
More results

Similar Description - MBM29DL323TD-12

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL32XTE FUJITSU-MBM29DL32XTE Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
Fujitsu Component Limit...
MBM29PDS322TE FUJITSU-MBM29PDS322TE Datasheet
694Kb / 66P
   32M (2M x 16) BIT Page Dual Operation
logo
Sharp Corporation
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
   CMOS 32M (4M x 8/2M x 16) MROM
logo
Macronix International
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
   32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F033C FUJITSU-MBM29F033C Datasheet
478Kb / 46P
   32M (4M X 8) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29L3211 MCNIX-MX29L3211 Datasheet
659Kb / 38P
   32M-BIT [4M x 8/2M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com