Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5566-18B2-210 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 5566-18B2-210
Description  Mini-Fit짰 Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 18 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, with Drain Holes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5566-18B2-210 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  5566-18B2-210 Datasheet HTML 1Page - Molex Electronics Ltd. 5566-18B2-210 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
9A
Voltage - Maximum
600V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
240
Material Info
Old Part Number
5566-18B2-210
Reference - Drawing Numbers
Product Specification
PS-5556-001
Sales Drawing
SDA-5566-N*2*-*
Test Summary
TS-5556-002
This document was generated on 08/26/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5566-18B2-210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5566-18B2-210 MOLEX3-5566-18B2-210 Datasheet
407Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 18 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, with Drain Holes
More results

Similar Description - 5566-18B2-210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-29-9066 MOLEX11-39-29-9066 Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, with Drain Holes
39-29-9187 MOLEX11-39-29-9187 Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 18 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, without Drain Holes
39-29-9086 MOLEX11-39-29-9086 Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, with Drain Holes
39-29-9106 MOLEX11-39-29-9106 Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 10 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, with Drain Holes
39-29-9206 MOLEX11-39-29-9206 Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 20 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, with Drain Holes
39-29-9146 MOLEX11-39-29-9146 Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 14 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, with Drain Holes
39-29-9067 MOLEX11-39-29-9067 Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, without Drain Holes
39-29-9246 MOLEX11-39-29-9246 Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 24 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, with Drain Holes
39-29-9126 MOLEX11-39-29-9126 Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 12 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, with Drain Holes
39-30-6208 MOLEX11-39-30-6208 Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 20 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, with Drain Holes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com