Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F160TE-90PFTN Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MBM29F160TE-90PFTN
Description  16M (2M X 8/1M X 16) BIT
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F160TE-90PFTN Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MBM29F160TE-90PFTN Datasheet HTML 1Page - Fujitsu Component Limited. MBM29F160TE-90PFTN Datasheet HTML 2Page - Fujitsu Component Limited. MBM29F160TE-90PFTN Datasheet HTML 3Page - Fujitsu Component Limited. MBM29F160TE-90PFTN Datasheet HTML 4Page - Fujitsu Component Limited. MBM29F160TE-90PFTN Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F160TE-90PFTN Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F160TE-90PFTN Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F160TE-90PFTN Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F160TE-90PFTN Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
MBM29F160TE-55/-70/-90/MBM29F160BE-55/-70/-90
2
(Continued)
The MBM29F160TE/BE is programmed by executing the program command sequence. This will invoke the
Embedded ProgramTM* Algorithm which is an internal algorithm that automatically times the program pulse
widths and verifies proper cell margins. Typically, each sector can be programmed and verified in about 0.5
seconds. Erase is accomplished by executing the erase command sequence. This will invoke the Embedded
EraseTM* Algorithm which is an internal algorithm that automatically preprograms the array if it is not already
programmed before executing the erase operation. During erase, the device automatically times the erase pulse
widths and verifies proper cell margins.
Any individual sector is typically erased and verified in 1.0 second. (If already preprogrammed.)
The device also features a sector erase architecture. The sector mode allows each sector to be erased and
reprogrammed without affecting other sectors. The MBM29F160TE/BE is erased when shipped from the factory.
The device features single 5.0 V power supply operation for both read and write functions. Internally generated
and regulated voltages are provided for the program and erase operations. A low VCC detector automatically
inhibits write operations on the loss of power. The end of program or erase is detected by Data Polling of DQ7,
by the Toggle Bit feature on DQ6, or the RY/BY output pin. Once the end of a program or erase cycle has been
comleted, the device internally resets to the read mode.
The MBM29F160TE/BE also has a hardware RESET pin. When this pin is driven low, execution of any Embedded
Program Algorithm or Embedded Erase Algorithm is terminated. The internal state machine is then reset to the
read mode. The RESET pin may be tied to the system reset circuitry. Therefore, if a system reset occurs during
the Embedded Program Algorithm or Embedded Erase Algorithm, the device is automatically reset to the read
mode and will have erroneous data stored in the address locations being programmed or erased. These locations
need re-writing after the Reset. Resetting the device enables the system’s microprocessor to read the boot-up
firmware from the Flash memory.
Fujitsu’s Flash technology combines years of Flash memory manufacturing experience to produce the highest
levels of quality, reliability, and cost effectiveness. The MBM29F160TE/BE memory electrically erases all bits
within a sector simultaneously via Fowler-Nordhiem tunneling. The bytes/words are programmed one byte/word
at a time using the EPROM programming mechanism of hot electron injection.
* : Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MBM29F160TE-90PFTN

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29F160TE70TR SPANSION-MBM29F160TE70TR Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
More results

Similar Description - MBM29F160TE-90PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Sharp Corporation
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
logo
AMIC Technology
LP62S161024 AMICC-LP62S161024 Datasheet
182Kb / 16P
   16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com