Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29LV320TE10 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MBM29LV320TE10
Description  32 M (4 M X 8/2 M X 16) BIT
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV320TE10 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MBM29LV320TE10 Datasheet HTML 1Page - Fujitsu Component Limited. MBM29LV320TE10 Datasheet HTML 2Page - Fujitsu Component Limited. MBM29LV320TE10 Datasheet HTML 3Page - Fujitsu Component Limited. MBM29LV320TE10 Datasheet HTML 4Page - Fujitsu Component Limited. MBM29LV320TE10 Datasheet HTML 5Page - Fujitsu Component Limited. MBM29LV320TE10 Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV320TE10 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV320TE10 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV320TE10 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
DS05-20894-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
FLASH MEMORY
CMOS
32 M (4 M
×××× 8/2 M ×××× 16) BIT
MBM29LV320TE 80/90/10
MBM29LV320BE80/90/10
s DESCRIPTION
The MBM29LV320TE/BE is 32 M-bit, 3.0 V-only Flash memory organized as 4 M bytes of 8 bits each or 2 M words
of 16 bits each. The device is offered in a 48-pin TSOP (I) and 63-ball FBGA packages. This device is designed
to be programmed in-system with the standard system 3.0 V VCC supply. 12.0 V VPP and 5.0 V VCC are not required
for write or erase operations. The device can also be reprogrammed in standard EPROM programmers.
The standard device offers access times 80 ns, 90 ns and 100 ns, allowing operation of high-speed microproces-
sors without wait state. To eliminate bus contention the device has separate chip enable(CE), write enable(WE)
and output enable (OE) controls.
(Continued)
s PRODUCT LINE UP
s PACKAGES
Part No.
MBM29LV320TE/BE
80
90
100
Power Supply Voltage (V)
VCC
= 3.3 V
VCC
= 3.0 V
Max Address Access Time (ns)
80
90
100
Max CE Access Time (ns)
80
90
100
Max OE Access Time (ns)
30
35
35
+0.3 V
−0.3 V
+0.6 V
−0.3 V
48-pin plastic TSOP (I)
48-pin plastic TSOP (I)
63-ball plastic FBGA
(FPT-48P-M19)
(FPT-48P-M20)
(BGA-63P-M01)
Marking Side
Marking Side


Similar Part No. - MBM29LV320TE10

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV320TE10PBT SPANSION-MBM29LV320TE10PBT Datasheet
454Kb / 68P
   FLASH MEMORY
MBM29LV320TE10TN SPANSION-MBM29LV320TE10TN Datasheet
454Kb / 68P
   FLASH MEMORY
MBM29LV320TE10TR SPANSION-MBM29LV320TE10TR Datasheet
454Kb / 68P
   FLASH MEMORY
More results

Similar Description - MBM29LV320TE10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL3200TE FUJITSU-MBM29PL3200TE Datasheet
670Kb / 59P
   32 M (2 M X 16/1 M X 32) BIT
logo
SPANSION
MBM29DL32XTE80 SPANSION-MBM29DL32XTE80 Datasheet
1Mb / 84P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL32TF-70 SPANSION-MBM29DL32TF-70 Datasheet
811Kb / 70P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL34TF70 SPANSION-MBM29DL34TF70 Datasheet
777Kb / 68P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
logo
Fujitsu Component Limit...
MBM29DL640E80 FUJITSU-MBM29DL640E80 Datasheet
913Kb / 71P
   64 M (8 M X 8/4 M X 16) BIT Dual Operation
MBM29DL64DF-70 FUJITSU-MBM29DL64DF-70 Datasheet
854Kb / 68P
   FLASH MEMORY CMOS 64 M (8 M X 8/4 M X 16) BIT
logo
SPANSION
MBM29DS163TE10 SPANSION-MBM29DS163TE10 Datasheet
721Kb / 67P
   FLASH MEMORY CMOS 16 M (2 M X 8/1 M X 16) BIT Dual Operation
logo
Advanced Micro Devices
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com