Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCTN-RLY4-418-2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FCTN-RLY4-418-2
Description  4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE DESCRIPTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FCTN-RLY4-418-2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  FCTN-RLY4-418-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers FCTN-RLY4-418-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers FCTN-RLY4-418-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers FCTN-RLY4-418-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers FCTN-RLY4-418-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers FCTN-RLY4-418-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers FCTN-RLY4-418-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 10
Page 11
Figure 9: FCTN-RLY4-***-2 Schematic Diagram
GND
GND
VCC3
ANT1
ANT-xxx-PW-RA
NC
1
NC
2
NC
3
GND
4
VCC
5
PDN
6
RSSI
7
DATA
8
NC
9
NC
10
NC
11
NC
12
NC
13
NC
14
GND
15
ANT
16
RX1
RXM-xxx-LR
1
2
3
4
8
7
6
5
S2
SW-DIP-4
GND
R1
100k
R2
100k
R3
100k
VCC3
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S1
SW-DIP-8
A0
A1
A2
A3
A4
A5
A6
A7
VPP
A6
A7
GND
VCC3
1
2
3
4
5
J2
NS
RE4
RE3
RE2
RE1
GND
VCC3
VCC
1
RA5/OSC1
2
RA4/AN3/OSC2
3
RA3/MCLR
4
RC5
5
RC4
6
RC3/AN7
7
RC6/AN8
8
RC7/AN9
9
RB7/TX
10
RB6
11
RB5/AN11/RX
12
RB4/AN10
13
RC2/AN6
14
RC1/AN5
15
RC0/AN4
16
RA2/AN2
17
RA1/AN1/CLK
18
RA0/AN0/DAT
19
GND
20
U1
CHP-PIC-FCTN-RLY
A0
A1
A2
A3
A4
A5
A6
A7
LM1
LM2
LM3
LM4
VPP
GND
D6
GND
VCC
VCC
VCC
VCC
RE4
RE3
RE2
RE1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
JP1
USL-5HB2-10P
RE1
RE2
RE3
RE4
1I
1
2I
2
3I
3
4I
4
5I
5
6I
6
7I
7
GND
8
COM
9
7O
10
6O
11
5O
12
4O
13
3O
14
2O
15
1O
16
U4
MC1413BDR2G
VCC
VCC12
GND
GND
VCC12
1
2
3
5
4
9
VCC12
VCC
C4
0.01uF
GND
GND
D5
1N4002
V-
SW V-
V+
J1
PWRJACK
VCC3
GND
GND
IN
GND
EN
OUT
BYP
U2
MIC5205-3.3YM5
C3
4.7uF
GND
C5
NS
GND
GND
U3
LM22674
D1
L1
100uH
C8
0.01uF
C7
10uF
GND
C6
1uF
C1
22uF
+
+


Similar Part No. - FCTN-RLY4-418-2

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
FCTN-RLY4-418-2 LINX-FCTN-RLY4-418-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE
2011
FCTN-RLY4-418-2 LINX-FCTN-RLY4-418-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE
1/14/11
More results

Similar Description - FCTN-RLY4-418-2

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
FCTN-RLY4-FFF-2 LINX-FCTN-RLY4-FFF-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE
1/14/11
FCTN-RLY4-315-2 LINX-FCTN-RLY4-315-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE
2011
logo
List of Unclassifed Man...
FCTN-RLY4-315 ETC2-FCTN-RLY4-315 Datasheet
258Kb / 7P
   4-POSITION RELAY FUNCTION MODULE DATA GUIDE
FCTN-WALL-315 ETC2-FCTN-WALL-315 Datasheet
486Kb / 7P
   AC FUNCTION MODULE DATA GUIDE
logo
Linx Technologies
FCTN-WALL-315 LINX-FCTN-WALL-315 Datasheet
489Kb / 7P
   AC FUNCTION MODULE DATA GUIDE
2011
logo
Sanyo Semicon Device
LC7815 SANYO-LC7815 Datasheet
333Kb / 8P
   2-Pole 4-Position Analog Function Switch
LC7816 SANYO-LC7816 Datasheet
293Kb / 7P
   2-Pole 4-Position Analog Function Switch
logo
Littelfuse
03540507Z LITTELFUSE-03540507Z Datasheet
191Kb / 1P
   3-Position Micro Relay Module
logo
List of Unclassifed Man...
FCTN-DEC1-315 ETC2-FCTN-DEC1-315 Datasheet
145Kb / 5P
   OEM DECODER MODULE DATA GUIDE
logo
Littelfuse
03540535Z LITTELFUSE-03540535Z Datasheet
175Kb / 1P
   2-Position 280 Micro Relay 2 Position MINI짰 Style Fuse
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com