Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPS009-4200-0 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # FPS009-4200-0
Description  SD Card and MMC Reader (One Action Lock Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FPS009-4200-0 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  FPS009-4200-0 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. FPS009-4200-0 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Connectors
A-20
Card Insertion Details
Part Number (Details)
Series No.
Number of Contacts
Design No.
Series FPS
SD Card and MMC Reader (One Action Lock Type)
FPS
009 - 4200-0 (03)
Specifications
Insulation Resistance:
1,000M
Ω min. at 500V DC
Withstanding Voltage:
500V ACrms for 1 minute
Contact Resistance:
100m
Ω at 1mA / 20mV max.
Voltage Rating:
5V DC
Current Rating:
0.5A max.
Operating Temp. Range: –30
°C to +85°C
Mating Cycles:
100
Materials and Finish
Insulator:
LCP Black (UL94V-0)
Contacts:
Copper Alloy with selective Gold
Features
2-point contact installation on all contact-terminals to ensure die-electric
discontinuity prevention which may be caused by vibration and impact
Zero sliding contact
@100G shock (X・Y・Z direction)
Metal shell cover with 4 GNDs (Solder tubs) to ensure EMI/ESD prevention performance
Outline Dimensions for FPS009-4200-0 (03)
Recommended PCB Layout FPS009-4200-0 (03)


Similar Part No. - FPS009-4200-0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FPS009-2305-0 YAMAICHI-FPS009-2305-0 Datasheet
122Kb / 2P
   SD Card and MMC Reader - Push/Push (Small Size)
FPS009-2405-0 YAMAICHI-FPS009-2405-0 Datasheet
74Kb / 2P
   SD Card and MMC Reader - Push / Push (Low Profile)
FPS009-2409-0 YAMAICHI-FPS009-2409-0 Datasheet
198Kb / 2P
   SD Card and MMC Reader - Push / Push (Low Profile)
FPS009-2901-0 YAMAICHI-FPS009-2901-0 Datasheet
176Kb / 2P
   SD Card & MMC Reader - Push / Push (Low Profile)
FPS009-2910-0 YAMAICHI-FPS009-2910-0 Datasheet
208Kb / 2P
   SD Card & MMC Reader - Push / Push (with Stand-off)
More results

Similar Description - FPS009-4200-0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FPS009-2960-0 YAMAICHI-FPS009-2960-0 Datasheet
530Kb / 2P
   SD Card and MMC Reader - Push / Push (Reversed Type)
FPS009-3202-BL YAMAICHI-FPS009-3202-BL Datasheet
124Kb / 2P
   SD Card and MMC Reader (Manual Insertion, Short Type)
FPS009-3001-BL YAMAICHI-FPS009-3001-BL Datasheet
136Kb / 2P
   SD Card and MMC Reader (Manual Insertion)
logo
IOGEAR
GFR204SD IOGEAR-GFR204SD Datasheet
145Kb / 3P
   SD/MicroSD/MMC Card Reader/Writer
logo
Yamaichi Electronics Co...
FPS009-2305-0 YAMAICHI-FPS009-2305-0 Datasheet
122Kb / 2P
   SD Card and MMC Reader - Push/Push (Small Size)
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
   USB 2.0 SD/MMC Card Reader Controller
logo
Yamaichi Electronics Co...
FPS009-2409-0 YAMAICHI-FPS009-2409-0 Datasheet
198Kb / 2P
   SD Card and MMC Reader - Push / Push (Low Profile)
FPS009-2405-0 YAMAICHI-FPS009-2405-0 Datasheet
74Kb / 2P
   SD Card and MMC Reader - Push / Push (Low Profile)
FPS009-2901-0 YAMAICHI-FPS009-2901-0 Datasheet
176Kb / 2P
   SD Card & MMC Reader - Push / Push (Low Profile)
logo
List of Unclassifed Man...
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com