Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29LV016B-80PTR Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MBM29LV016B-80PTR
Description  16M (2M x 8) BIT
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV016B-80PTR Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MBM29LV016B-80PTR Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV016B-80PTR Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV016B-80PTR Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV016B-80PTR Datasheet HTML 9Page - Fujitsu Component Limited. MBM29LV016B-80PTR Datasheet HTML 10Page - Fujitsu Component Limited. MBM29LV016B-80PTR Datasheet HTML 11Page - Fujitsu Component Limited. MBM29LV016B-80PTR Datasheet HTML 12Page - Fujitsu Component Limited. MBM29LV016B-80PTR Datasheet HTML 13Page - Fujitsu Component Limited. MBM29LV016B-80PTR Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
MBM29LV016T-80/-90/-12/MBM29LV016B-80/-90/-12
s FUNCTIONAL DESCRIPTION
Read Mode
The MBM29LV016T/B have two control functions which must be satisfied in order to obtain data at the outputs.
CE is the power control and should be used for a device selection. OE is the output control and should be used
to gate data to the output pins if a device is selected.
Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable
access time (tCE) is the delay from stable addresses and stable CE to valid data at the output pins. The output
enable access time is the delay from the falling edge of OE to valid data at the output pins. (Assuming the
addresses have been stable for at least tACC - tCE time.) See Figure 5.1 for timing specifications.
Standby Mode
There are two ways to implement the standby mode on the MBM29LV016T/B devices, one using both the CE
and RESET pins; the other via the RESET pin only.
When using both pins, a CMOS standby mode is achieved with CE and RESET inputs both held at VCC
± 0.3 V.
Under this condition the current consumed is less than 5
µA max. During Embedded Algorithm operation, VCC
Active current (ICC2) is required even CE = “H”. The device can be read with standard access time (tCE) from
either of these standby modes.
When using the RESET pin only, a CMOS standby mode is achieved with RESET input held at VSS
± 0.3 V (CE
= “H” or “L”). Under this condition the current is consumed is less than 5
µA max. Once the RESET pin is taken
high, the device requires tRH of wake up time before outputs are valid for read access.
In the standby mode the outputs are in the high impedance state, independent of the OE input.
Automatic Sleep Mode
There is a function called automatic sleep mode to restrain power consumption during read-out of
MBM29LV016T/B data.
This mode can be used effectively with an application requested low power consumption such as handy terminals.
To activate this mode, MBM29LV016T/B automatically switch itself to low power mode when MBM29LV016T/B
addresses remain stably during access time of 150 ns. It is not necessary to control CE, WE, and OE on the
mode. Under the mode, the current consumed is typically 1
µA (CMOS level).
Standard address access timings provide new data when addresses are changed. While in sleep mode, output
data is latched and always available to the system.
Output Disable
With the OE input at a logic high level (VIH), output from the device is disabled. This will cause the output pins
to be in a high impedance state.
Autoselect
The autoselect mode allows the reading out of a binary code from the device and will identify its manufacturer
and type. This mode is intended for use by programming equipment for the purpose of automatically matching
the device to be programmed with its corresponding programming algorithm. This mode is functional over the
entire temperature range of the device.
To activate this mode, the programming equipment must force VID (11.5 V to 12.5 V) on address pin A9. Two
identifier bytes may then be sequenced from the device outputs by toggling address A0 from VIL to VIH. All
addresses are DON’T CARES except A0, A1, A6, and A10. (See Table 3.1.)


Similar Part No. - MBM29LV016B-80PTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV017 FUJITSU-MBM29LV017 Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29LV017-12 FUJITSU-MBM29LV017-12 Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29LV017-12PBT FUJITSU-MBM29LV017-12PBT Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29LV017-12PBT-SF2 FUJITSU-MBM29LV017-12PBT-SF2 Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29LV017-12PTN FUJITSU-MBM29LV017-12PTN Datasheet
600Kb / 52P
   16M (2M X 8) BIT
More results

Similar Description - MBM29LV016B-80PTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F016A FUJITSU-MBM29F016A Datasheet
458Kb / 43P
   16M (2M X 8) BIT
MBM29F017A FUJITSU-MBM29F017A Datasheet
469Kb / 47P
   16M (2M X 8) BIT
MBM29LV017 FUJITSU-MBM29LV017 Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
SPANSION
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com