Electronic Components Datasheet Search |
|
MBM29F800BA-90PF Datasheet(PDF) 1 Page - Fujitsu Component Limited. |
|
MBM29F800BA-90PF Datasheet(HTML) 1 Page - Fujitsu Component Limited. |
1 / 48 page DS05-20841-4E FUJITSU SEMICONDUCTOR DATA SHEET FLASH MEMORY CMOS 8M (1M × 8/512K × 16) BIT MBM29F800TA-55/-70/-90/MBM29F800BA-55/-70/-90 s FEATURES • Single 5.0 V read, write, and erase Minimizes system level power requirements • Compatible with JEDEC-standard commands Uses same software commands as E2PROMs • Compatible with JEDEC-standard world-wide pinouts 48-pin TSOP(I) (Package suffix: PFTN – Normal Bend Type, PFTR – Reversed Bend Type) 44-pin SOP (Package suffix: PF) • Minimum 100,000 write/erase cycles • High performance 55 ns maximum access time • Sector erase architecture One 16K byte, two 8K bytes, one 32K byte, and fifteen 64K bytes. Any combination of sectors can be concurrently erased. Also supports full chip erase. • Boot Code Sector Architecture T = Top sector B = Bottom sector • Embedded EraseTM Algorithms Automatically pre-programs and erases the chip or any sector • Embedded ProgramTM Algorithms Automatically writes and verifies data at specified address •Data Polling and Toggle Bit feature for detection of program or erase cycle completion • Ready/Busy output (RY/BY) Hardware method for detection of program or erase cycle completion • Low Vcc write inhibit ≤ 3.2 V • Erase Suspend/Resume Suspends the erase operation to allow a read data in another sector within the same device • Hardware RESET pin Resets internal state machine to the read mode • Sector protection Hardware method disables any combination of sectors from write or erase operations • Temporary sector unprotection Temporary sector unprotection via the RESET pin. Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc. |
Similar Part No. - MBM29F800BA-90PF |
|
Similar Description - MBM29F800BA-90PF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |