Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-2R2A80 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # VC-2R2A80
Description  ASSP for Mobile Telephone
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VC-2R2A80 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  VC-2R2A80 Datasheet HTML 1Page - Fujitsu Component Limited. VC-2R2A80 Datasheet HTML 2Page - Fujitsu Component Limited. VC-2R2A80 Datasheet HTML 3Page - Fujitsu Component Limited. VC-2R2A80 Datasheet HTML 4Page - Fujitsu Component Limited. VC-2R2A80 Datasheet HTML 5Page - Fujitsu Component Limited. VC-2R2A80 Datasheet HTML 6Page - Fujitsu Component Limited. VC-2R2A80 Datasheet HTML 7Page - Fujitsu Component Limited. VC-2R2A80 Datasheet HTML 8Page - Fujitsu Component Limited. VC-2R2A80 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
VC-80 Series
5
3.
For PHS (Part number : VC-3R0A80-1668N)
• Absolute Maximum Ratings
WARNING: VCO can be permanently damaged by application of stress (voltage, temperature, humidity, etc.) in
excess of absolute maximum ratings. Do not exceed these ratings.
• Electrical Characteristics
(Ta
= +25 °C ± 3 °C)
* : Ta
= −20 °C to +70 °C
Parameter
Symbol
Rating
Unit
Min.
Max.
Input DC voltage
VCC
+ 3.2
V
Control voltage
Vt
+ 3.0
V
Operating temperature
Ta
−20
+70
°C
Storage temperature
Tstg
−30
+85
°C
Storage humidity
Hstg
5
95
%
Parameter
Symbol
Conditions
Value
Unit
Min.
Typ.
Max.
Current
consumption
ICC
VCC
= 3.0 V, Vt = 1.25 V

10.0*
mA
Frequency
fmin
VCC
= 3.0 V, Vt = 0.6 V

1649.7*
MHz
Frequency
fmax
VCC
= 3.0 V, Vt = 1.9 V
1686.3

MHz
Control voltage
sensitivity
kv
(fmax
− fmin) / 1.3
43.0
57.0
MHz/V
Oscillator output
PO
VCC
= 3.0 V, Vt = 1.25 V
−6.0*

dBm
C/N
C/N
VCC
= 3.0 V, Vt = 1.25 V,
Offset
= 100 kHz, BW = 1 Hz
110.0*

dBc/Hz
Higher harmonics
Hs
VCC
= 3.0 V, Vt = 1.25 V,
Up to 3rd

−15.0
dBc
Power supply
variation
Push
VCC
= 3.0 V ± 0.2 V,
Vt
= 1.25 V

±800
kHz
Load variation
Pull
VCC
= 3.0 V, Vt = 1.25 V,
VSWR
= 2 ALL PHASE

±1000
kHz
Temperature drift
Td
Ta
= +25 °C ± 45 °C

±4000*
kHz


Similar Part No. - VC-2R2A80

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VC-2R5A50-0991 FUJITSU-VC-2R5A50-0991 Datasheet
248Kb / 20P
   ASSP for Mobile Telephone
VC-2R5A50-0991 FUJITSU-VC-2R5A50-0991 Datasheet
229Kb / 20P
   ASSP for Mobile Telephone
VC-2R5A50-1035 FUJITSU-VC-2R5A50-1035 Datasheet
248Kb / 20P
   ASSP for Mobile Telephone
VC-2R5A50-1035 FUJITSU-VC-2R5A50-1035 Datasheet
229Kb / 20P
   ASSP for Mobile Telephone
VC-2R7A50-1635 FUJITSU-VC-2R7A50-1635 Datasheet
248Kb / 20P
   ASSP for Mobile Telephone
More results

Similar Description - VC-2R2A80

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VC-3R0A23 FUJITSU-VC-3R0A23 Datasheet
105Kb / 11P
   ASSP for Mobile Telephone
VC-2R8A30 FUJITSU-VC-2R8A30 Datasheet
154Kb / 15P
   ASSP for Mobile Telephone
VC-50 FUJITSU-VC-50 Datasheet
229Kb / 20P
   ASSP for Mobile Telephone
VC-3R0A50 FUJITSU-VC-3R0A50 Datasheet
248Kb / 20P
   ASSP for Mobile Telephone
VC-30 FUJITSU-VC-30 Datasheet
154Kb / 15P
   ASSP for Mobile Telephone
VC-2R8A26 FUJITSU-VC-2R8A26 Datasheet
100Kb / 11P
   ASSP for Mobile Telephone
VC-23 FUJITSU-VC-23 Datasheet
105Kb / 11P
   ASSP for Mobile Telephone VCO (800 to 2000 MHz)
logo
Mitsubishi Electric Sem...
MF1151V-2 MITSUBISHI-MF1151V-2 Datasheet
54Kb / 1P
   FOR AMPS MOBILE TELEPHONE, Tx
MF1010S-1 MITSUBISHI-MF1010S-1 Datasheet
133Kb / 1P
   FOR AMPS MOBILE TELEPHONE, Tx
MF1083V-2 MITSUBISHI-MF1083V-2 Datasheet
63Kb / 1P
   FOR DCS MOBILE TELEPHONE, Rx
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com