Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLFLD25-128J Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SLFLD25-128J
Description  128 MB to 8 GB 2.5-Inch IDE Flash Drives
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLFLD25-128J Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SLFLD25-128J Datasheet HTML 6Page - List of Unclassifed Manufacturers SLFLD25-128J Datasheet HTML 7Page - List of Unclassifed Manufacturers SLFLD25-128J Datasheet HTML 8Page - List of Unclassifed Manufacturers SLFLD25-128J Datasheet HTML 9Page - List of Unclassifed Manufacturers SLFLD25-128J Datasheet HTML 10Page - List of Unclassifed Manufacturers SLFLD25-128J Datasheet HTML 11Page - List of Unclassifed Manufacturers SLFLD25-128J Datasheet HTML 12Page - List of Unclassifed Manufacturers SLFLD25-128J Datasheet HTML 13Page - List of Unclassifed Manufacturers SLFLD25-128J Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SLFLD25-xxxJ(I)
IDE FLASH DRIVE
Document Part Number 61000-02817-109 March 2005
Page 10
-CE2 -CE1 A2 A1 A0
-IORD=0
-IOWR=0
1
0
0
0
0
Data register
Data register
1
0
0
0
1
Error register
Feature register
1
0
0
1
0
Sector Count register
Sector Count register
1
0
0
1
1
Sector No. register
Sector No. register
1
0
1
0
0
Cylinder Low register
Cylinder Low register
1
0
1
0
1
Cylinder High register Cylinder High register
1
0
1
1
0
Drive Head register
Drive Head register
1
0
1
1
1
Status register
Command register
0
1
1
1
0
Alt Status register
Device Control register
0
1
1
1
1
Drive Address register
Reserved
True IDE Mode I/O Map
TASK FILE REGISTER
SPECIFICATION
These registers are used for reading and writing data to the
drive.


Similar Part No. - SLFLD25-128J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
logo
List of Unclassifed Man...
SLF ETC2-SLF Datasheet
296Kb / 8P
   SMD Shielded Power Inductors
logo
JST Mfg. Co., Ltd.
SLF-01T-2.0 JST-SLF-01T-2.0 Datasheet
1Mb / 6P
   6.2mm pitch disconnectable crimp style wire-to-wire connectors
SLF-01T-P1.3E JST-SLF-01T-P1.3E Datasheet
178Kb / 4P
   4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Festo Corporation.
SLF-10-10-P-A FESTO-SLF-10-10-P-A Datasheet
93Kb / 2P
   Mini slide
12/7/22
More results

Similar Description - SLFLD25-128J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C7K1000 ETC2-C7K1000 Datasheet
513Kb / 2P
   2.5-Inch SFF Enterprise Hard Disk Drives
logo
ON Semiconductor
LE25W81QE ONSEMI-LE25W81QE_17 Datasheet
195Kb / 21P
   Serial Flash Memory 8 Mb
February 2017 - Rev. 0
logo
Numonyx B.V
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
logo
Axiomtek Co., Ltd.
FID AXIOMTEK-FID_17 Datasheet
151Kb / 1P
   Flash in Disk-IDE
logo
List of Unclassifed Man...
Z7K500 ETC2-Z7K500 Datasheet
514Kb / 2P
   2.5-INCH MOBILE 7200 RPM 7MM HARD DISK DRIVES
5K1000 ETC2-5K1000 Datasheet
676Kb / 2P
   2.5-Inch Mobile 5400 RPM 9.5mm Hard Disk Drives
logo
STMicroelectronics
STM32F217ZGT6 STMICROELECTRONICS-STM32F217ZGT6 Datasheet
3Mb / 173P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto, ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto,
logo
SPANSION
S29PL-N SPANSION-S29PL-N Datasheet
1Mb / 85P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL-N SPANSION-S29PL-N_07 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
logo
STMicroelectronics
STM32F205VCT6TR STMICROELECTRONICS-STM32F205VCT6TR Datasheet
2Mb / 178P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com