Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P595B Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB89P595B
Description  8-bit Proprietary Microcontrollers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P595B Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB89P595B Datasheet HTML 7Page - Fujitsu Component Limited. MB89P595B Datasheet HTML 8Page - Fujitsu Component Limited. MB89P595B Datasheet HTML 9Page - Fujitsu Component Limited. MB89P595B Datasheet HTML 10Page - Fujitsu Component Limited. MB89P595B Datasheet HTML 11Page - Fujitsu Component Limited. MB89P595B Datasheet HTML 12Page - Fujitsu Component Limited. MB89P595B Datasheet HTML 13Page - Fujitsu Component Limited. MB89P595B Datasheet HTML 14Page - Fujitsu Component Limited. MB89P595B Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
MB89590B/BW Series
11
s
s
s
s HANDLING DEVICES
1.
Preventing Latchup
Latchup may occur on CMOS ICs if voltage higher than Vcc or lower than Vss is applied to input or output pins
other than the medium- and high-voltage pins or if voltage higher than the rating is applied between Vcc and Vss.
When latchup occurs, power supply current increases rapidly and might thermally damage elements. When
using, take great care not to exceed the absolute maximum ratings.
Also take care to prevent the analog input from exceeding the digital power supply (Vcc) when the power supply
to the analog power system is turned on and off.
2.
Treatment of Unused Input Pins
Leaving unused input pins open could cause malfunctions and latchup leading to permanent damage to the
pins. These unused pins should be connected to a pullup or pulldown resistance of at least 2 k
Ω between the
pin and the power supply.
Unused I/O pins should be placed in output state to leave it open or pins that are in input state should be handled
the same as unused input pins.
3.
Power Supply Voltage Fluctuations
Although Vcc power supply voltage is assured to operate within the rated range, a rapid fluctuation of the voltage
could cause malfunctions even if it occurs within the rated range. Stabilizing voltage supplied to the IC is therefore
important. As stabilization guidelines, it is recommended to control power so that Vcc ripple fluctuations (P-P
value) will be less than 10% of the standard VCC value at the commercial frequency (50 to 60 Hz) and the
transient fluctuation rate will be less than 0.1 V/ms at the time of a momentary fluctuation such as when power
is switched.


Similar Part No. - MB89P595B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P538 FUJITSU-MB89P538 Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89P538 FUJITSU-MB89P538 Datasheet
798Kb / 65P
   8-bit Original Microcontroller
MB89P538 FUJITSU-MB89P538 Datasheet
724Kb / 56P
   8-bit Original Microcontroller CMOS
MB89P538-101 FUJITSU-MB89P538-101 Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89P538-101 FUJITSU-MB89P538-101 Datasheet
724Kb / 56P
   8-bit Original Microcontroller CMOS
More results

Similar Description - MB89P595B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com