Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29DL323BE-80TR Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MBM29DL323BE-80TR
Description  32M (4M x 8/2M x 16) BIT Dual Operation
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29DL323BE-80TR Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MBM29DL323BE-80TR Datasheet HTML 1Page - Fujitsu Component Limited. MBM29DL323BE-80TR Datasheet HTML 2Page - Fujitsu Component Limited. MBM29DL323BE-80TR Datasheet HTML 3Page - Fujitsu Component Limited. MBM29DL323BE-80TR Datasheet HTML 4Page - Fujitsu Component Limited. MBM29DL323BE-80TR Datasheet HTML 5Page - Fujitsu Component Limited. MBM29DL323BE-80TR Datasheet HTML 6Page - Fujitsu Component Limited. MBM29DL323BE-80TR Datasheet HTML 7Page - Fujitsu Component Limited. MBM29DL323BE-80TR Datasheet HTML 8Page - Fujitsu Component Limited. MBM29DL323BE-80TR Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
DS05-20881-3E
FUJITSU SEMICONDUCTOR
DATA SHEET
FLASH MEMORY
CMOS
32M (4M
× 8/2M × 16) BIT Dual Operation
MBM29DL32XTE/BE -80/90/12
s
s
s
s DESCRIPTION
The MBM29DL32XTE/BE are a 32M-bit, 3.0 V-only Flash memory organized as 4M bytes of 8 bits each or 2M
words of 16 bits each. These devices are designed to be programmed in-system with the standard system 3.0 V
VCC supply. 12.0 V VPP and 5.0 V VCC are not required for write or erase operations. The devices can also be
reprogrammed in standard EPROM programmers.
MBM29DL32XTE/BE are organized into two banks, Bank 1 and Bank 2, which can be considered to be two
separate memory arrays as far as certain operations are concerned. These devices are the same as Fujitsu’s
standard 3 V only Flash memories with the additional capability of allowing a normal non-delayed read access
from a non-busy bank of the array while an embedded write (either a program or an erase) operation is
simultaneously taking place on the other bank.
(Continued)
s
s
s
s PRODUCT LINE UP
s
s
s
s PACKAGES
Part No.
MBM29DL32XTE/BE
Ordering Part No.
VCC = 3.3 V
+0.3 V
–0.3 V
80
VCC = 3.0 V
+0.6 V
–0.3 V
—90
12
Max. Address Access Time (ns)
80
90
120
Max. CE Access Time (ns)
80
90
120
Max. OE Access Time (ns)
30
35
50
48-pin plastic TSOP (I)
(FPT-48P-M19)
48-pin plastic TSOP (I)
(FPT-48P-M20)
63-ball plastic FBGA
(BGA-63P-M01)
Marking Side
Marking Side


Similar Part No. - MBM29DL323BE-80TR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29DL323BE80PBT SPANSION-MBM29DL323BE80PBT Datasheet
1Mb / 84P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL323BE80TN SPANSION-MBM29DL323BE80TN Datasheet
1Mb / 84P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL323BE80TR SPANSION-MBM29DL323BE80TR Datasheet
1Mb / 84P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL323BE90PBT SPANSION-MBM29DL323BE90PBT Datasheet
1Mb / 84P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL323BE90TN SPANSION-MBM29DL323BE90TN Datasheet
1Mb / 84P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
More results

Similar Description - MBM29DL323BE-80TR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL32XTD FUJITSU-MBM29DL32XTD Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
Fujitsu Component Limit...
MBM29PDS322TE FUJITSU-MBM29PDS322TE Datasheet
694Kb / 66P
   32M (2M x 16) BIT Page Dual Operation
logo
Sharp Corporation
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
   CMOS 32M (4M x 8/2M x 16) MROM
logo
Macronix International
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
   32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F033C FUJITSU-MBM29F033C Datasheet
478Kb / 46P
   32M (4M X 8) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29L3211 MCNIX-MX29L3211 Datasheet
659Kb / 38P
   32M-BIT [4M x 8/2M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com