Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29DL322TD-80PFTR Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MBM29DL322TD-80PFTR
Description  32M (4M X 8/2M X 16) BIT Dual Operation
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29DL322TD-80PFTR Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MBM29DL322TD-80PFTR Datasheet HTML 6Page - Fujitsu Component Limited. MBM29DL322TD-80PFTR Datasheet HTML 7Page - Fujitsu Component Limited. MBM29DL322TD-80PFTR Datasheet HTML 8Page - Fujitsu Component Limited. MBM29DL322TD-80PFTR Datasheet HTML 9Page - Fujitsu Component Limited. MBM29DL322TD-80PFTR Datasheet HTML 10Page - Fujitsu Component Limited. MBM29DL322TD-80PFTR Datasheet HTML 11Page - Fujitsu Component Limited. MBM29DL322TD-80PFTR Datasheet HTML 12Page - Fujitsu Component Limited. MBM29DL322TD-80PFTR Datasheet HTML 13Page - Fujitsu Component Limited. MBM29DL322TD-80PFTR Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
MBM29DL32XTD/BD-80/90/12
10
s ABSOLUTE MAXIMUM RATINGS(See WARNING)
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Notes: 1. Minimum DC voltage on input or I/O pins are –0.5 V. During voltage transitions, inputs may negative
overshoot VSS to –2.0 V for periods of up to 20 ns. Maximum DC voltage on output and I/O pins are VCC
+0.5 V. During voltage transitions, outputs may positive overshoot to VCC +2.0 V for periods of up to 20 ns.
2. Minimum DC input voltage on A9, OE and RESET pins are –0.5 V. During voltage transitions, A9, OE
and RESET pins may negative overshoot VSS to –2.0 V for periods of up to 20 ns. Maximum DC input
voltage on A9, OE and RESET pins are +13.0 V which may positive overshoot to 14.0 V for periods of
up to 20 ns. when VCC is applied.
3. Minimum DC input voltage on WP/ACC pin is –0.5 V. During voltage transitions, WP/ACC pin may
negative overshoot VSS to –2.0 V for periods of up to 20 ns. Maximum DC input voltage on WP/ACC pin
iis +10.5V which may positive overshoot to +10.5V for periods of up to 20ns when Vcc is applied.
s RECOMMENDED OPERATING CONDITIONS
Operating ranges define those limits between which the functionality of the devices are guaranteed.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Conditions
Rating
Unit
Min.
Max.
Storage Temperature
Tstg
–55
+125
°C
Ambient Temperature with
Power Applied
TA
–40
+85
°C
Voltage with Respect to
Ground All pins except A9,
OE, RESET (Note 1)
VIN, VOUT
–0.5
VCC+0.5
V
Power Supply Voltage
(Note 1)
VCC
–0.5
+4.0
V
A9, OE, and RESET
(Note 2)
VIN
–0.5
+13.0
V
WP/ACC (Note 3)
VIN
–0.5
+10.5
V
Parameter
Symbol
Conditions
Value
Unit
Min.
Max.
Ambient Temperature
TA
MBM29DL32XTD/BD-80
–20
+70
°C
MBM29DL32XTD/BD-90/12
–40
+85
°C
Power Supply Voltage
VCC
MBM29DL32XTD/BD-80
+3.0
+3.6
V
MBM29DL32XTD/BD-90/12
+2.7
+3.6
V


Similar Part No. - MBM29DL322TD-80PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL322TE FUJITSU-MBM29DL322TE Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL322TE-12PBT FUJITSU-MBM29DL322TE-12PBT Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL322TE-12TN FUJITSU-MBM29DL322TE-12TN Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL322TE-12TR FUJITSU-MBM29DL322TE-12TR Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL322TE-80PBT FUJITSU-MBM29DL322TE-80PBT Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
More results

Similar Description - MBM29DL322TD-80PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL32XTE FUJITSU-MBM29DL32XTE Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
Fujitsu Component Limit...
MBM29PDS322TE FUJITSU-MBM29PDS322TE Datasheet
694Kb / 66P
   32M (2M x 16) BIT Page Dual Operation
logo
Sharp Corporation
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
   CMOS 32M (4M x 8/2M x 16) MROM
logo
Macronix International
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
   32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F033C FUJITSU-MBM29F033C Datasheet
478Kb / 46P
   32M (4M X 8) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29L3211 MCNIX-MX29L3211 Datasheet
659Kb / 38P
   32M-BIT [4M x 8/2M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com