Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29LV160TE70PCV Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MBM29LV160TE70PCV
Description  16M (2M X 8/1M X 16) BIT
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV160TE70PCV Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MBM29LV160TE70PCV Datasheet HTML 1Page - Fujitsu Component Limited. MBM29LV160TE70PCV Datasheet HTML 2Page - Fujitsu Component Limited. MBM29LV160TE70PCV Datasheet HTML 3Page - Fujitsu Component Limited. MBM29LV160TE70PCV Datasheet HTML 4Page - Fujitsu Component Limited. MBM29LV160TE70PCV Datasheet HTML 5Page - Fujitsu Component Limited. MBM29LV160TE70PCV Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV160TE70PCV Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV160TE70PCV Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV160TE70PCV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
DS05-20883-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
FLASH MEMORY
CMOS
16M (2M
× 8/1M × 16) BIT
MBM29LV160TE/BE -70/90/12
s GENERAL DESCRIPTION
The MBM29LV160TE/BE is a 16M-bit, 3.0 V-only Flash memory organized as 2M bytes of 8 bits each or 1M words
of 16 bits each. The MBM29LV160TE/BE is offered in a 48-pin TSOP (I), 48-pin CSOP and 48-ball FBGA
packages. The device is designed to be programmed in-system with the standard system 3.0 V VCC supply. 12.0
V VPP and 5.0 V VCC are not required for write or erase operations. The device can also be reprogrammed in
standard EPROM programmers.
The standard MBM29LV160TE/BE offers access times of 70 ns, 90 ns and 120 ns, allowing operation of high-
speed microprocessors without wait states. To eliminate bus contention the device has separate chip enable (CE),
write enable (WE), and output enable (OE) controls.
The MBM29LV160TE/BE is pin and command set compatible with JEDEC standard E2PROMs. Commands are
written to the command register using standard microprocessor write timings. Register contents serve as input
to an internal state-machine which controls the erase and programming circuitry. Write cycles also internally latch
addresses and data needed for the programming and erase operations. Reading data out of the device is similar
to reading from 5.0 V and 12.0 V Flash or EPROM devices.
The MBM29LV160TE/BE is programmed by executing the program command sequence. This will invoke the
Embedded ProgramTM* Algorithm which is an internal algorithm that automatically times the program pulse widths
and verifies proper cell margins. Typically, each sector can be programmed and verified in about 0.5 seconds.
Erase is accomplished by executing the erase command sequence. This will invoke the Embedded EraseTM*
Algorithm which is an internal algorithm that automatically preprograms the array if it is not already programmed
before executing the erase operation. During erase, the device automatically times the erase pulse widths and
verifies proper cell margins.
Any individual sector is typically erased and verified in 1.0 second. (If already preprogrammed.)
within a sector simultaneously via Fowler-Nordhiem tunneling. The bytes/words are programmed one byte/word
at a time using the EPROM programming mechanism of hot electron injection.
(Continued)
s PRODUCT LINE UP
Part No.
MBM29LV160TE/160BE
Ordering Part No.
VCC = 3.3 V
70
VCC = 3.0 V
—90
12
Max. Address Access Time (ns)
70
90
120
Max. CE Access Time (ns)
70
90
120
Max. OE Access Time (ns)
30
35
50
+0.3 V
–0.3 V
+0.6 V
–0.3 V


Similar Part No. - MBM29LV160TE70PCV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
SPANSION
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29LV160T-12 FUJITSU-MBM29LV160T-12 Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
SPANSION
MBM29LV160T-12 SPANSION-MBM29LV160T-12 Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29LV160T-12PBT FUJITSU-MBM29LV160T-12PBT Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
More results

Similar Description - MBM29LV160TE70PCV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Sharp Corporation
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
logo
AMIC Technology
LP62S161024 AMICC-LP62S161024 Datasheet
182Kb / 16P
   16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com