Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29LV160BE70PCV Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MBM29LV160BE70PCV
Description  16M (2M X 8/1M X 16) BIT
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV160BE70PCV Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MBM29LV160BE70PCV Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV160BE70PCV Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV160BE70PCV Datasheet HTML 9Page - Fujitsu Component Limited. MBM29LV160BE70PCV Datasheet HTML 10Page - Fujitsu Component Limited. MBM29LV160BE70PCV Datasheet HTML 11Page - Fujitsu Component Limited. MBM29LV160BE70PCV Datasheet HTML 12Page - Fujitsu Component Limited. MBM29LV160BE70PCV Datasheet HTML 13Page - Fujitsu Component Limited. MBM29LV160BE70PCV Datasheet HTML 14Page - Fujitsu Component Limited. MBM29LV160BE70PCV Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
MBM29LV160TE/BE-70/90/12
11
s FUNCTIONAL DESCRIPTION
•Read Mode
The MBM29LV160TE/BE has two control functions which must be satisfied in order to obtain data at the outputs.
CE is the power control and should be used for a device selection. OE is the output control and should be used
to gate data to the output pins if a device is selected.
Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable
access time (tCE) is the delay from stable addresses and stable CE to valid data at the output pins. The output
enable access time is the delay from the falling edge of OE to valid data at the output pins. (Assuming the
addresses have been stable for at least tACC - tOE time.) When reading out a data without changing addresses
after power-up, it is necessary to input hardware reset or to change CE pin from “H” or “L”.
• Standby Mode
There are two ways to implement the standby mode on the MBM29LV160TE/BE devices. One is by using both
the CE and RESET pins; the other via the RESET pin only.
When using both pins, a CMOS standby mode is achieved with CE and RESET inputs both held at VCC ±0.3 V.
Under this condition the current consumed is less than 5
µA max. During Embedded Algorithm operation, VCC
Active current (ICC2) is required even CE = “H”. The device can be read with standard access time (tCE) from
either of these standby modes.
When using the RESET pin only, a CMOS standby mode is achieved with the RESET input held at VSS ±0.3 V
(CE = “H” or “L”). Under this condition the current consumed is less than 5
µA max. Once the RESET pin is
taken high, the device requires tRH of wake up time before outputs are valid for read access.
In the standby mode, the outputs are in the high-impedance state, independent of the OE input.
• Automatic Sleep Mode
There is a function called automatic sleep mode to restrain power consumption during read-out of
MBM29LV160TE/BE data. This mode can be used effectively with an application requesting low power con-
sumption such as handy terminals.
To activate this mode, MBM29LV160TE/BE automatically switches itself to low power mode when addresses
remain stable for 150 ns. It is not necessary to control CE, WE, and OE in this mode. During such mode, the
current consumed is typically 1
µA (CMOS Level).
Standard address access timings provide new data when addresses are changed. While in sleep mode, output
data is latched and always available to the system.
• Output Disable
If the OE input is at a logic high level (VIH), output from the device is disabled. This will cause the output pins to
be in a high-impedance state.
• Autoselect
The Autoselect mode allows the reading out of a binary code from the device and will identify its manufacturer
and type. The intent is to allow programming equipment to automatically match the device to be programmed
with its corresponding programming algorithm. The Autoselect command may also be used to check the status
of write-protected sectors. (See Tables 4.1 and 4.2.) This mode is functional over the entire temperature range
of the device.
To activate this mode, the programming equipment must force VID (11.5 V to 12.5 V) on address pin A9. Two
identifier bytes may then be sequenced from the devices outputs by toggling address A0 from VIL to VIH. All
addresses are DON’T CARES except A0, A1, and A6 (A-1). (See Table 2 or Table 3.)


Similar Part No. - MBM29LV160BE70PCV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV160B FUJITSU-MBM29LV160B Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
MBM29LV160B-12 FUJITSU-MBM29LV160B-12 Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
SPANSION
MBM29LV160B-12 SPANSION-MBM29LV160B-12 Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29LV160B-12PBT FUJITSU-MBM29LV160B-12PBT Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
SPANSION
MBM29LV160B-12PBT SPANSION-MBM29LV160B-12PBT Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
More results

Similar Description - MBM29LV160BE70PCV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Sharp Corporation
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
logo
AMIC Technology
LP62S161024 AMICC-LP62S161024 Datasheet
182Kb / 16P
   16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com