Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A23157 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A23157
Description  DUAL 10-廓 SPDT ANALOG SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23157 Datasheet(HTML) 2 Page - Texas Instruments

  TS5A23157 Datasheet HTML 1Page - Texas Instruments TS5A23157 Datasheet HTML 2Page - Texas Instruments TS5A23157 Datasheet HTML 3Page - Texas Instruments TS5A23157 Datasheet HTML 4Page - Texas Instruments TS5A23157 Datasheet HTML 5Page - Texas Instruments TS5A23157 Datasheet HTML 6Page - Texas Instruments TS5A23157 Datasheet HTML 7Page - Texas Instruments TS5A23157 Datasheet HTML 8Page - Texas Instruments TS5A23157 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
TS5A23157
SCDS165D – MAY 2004 – REVISED MAY 2008 ................................................................................................................................................................ www.ti.com
SUMMARY OF CHARACTERISTICS
2:1 Multiplexer/Demultiplexer
Configuration
(2
× SPDT)
Number of channels
2
ON-state resistance (ron)
10
ON-state resistance match
0.15
between channels (
Δron)
ON-state resistance flatness
4
(ron(flat))
Turn-on/turn-off time (tON/tOFF)
5.7 ns/3.8 ns
Break-before-make time (tBBM)
0.5 ns
Charge injection (QC)
7 pC
Bandwidth (BW)
220 MHz
OFF isolation (OSIO)
–65 dB at 10 MHz
Crosstalk 9XTALK)
–66 dB at 10 MHz
Total harmo nic distortion (THD)
0.01%
Leakage current
±1
µA
(ICOM(OFF)/INC(OFF))
Package options
10-pin DGS and RSE
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(2)
–0.5
6.5
V
VNC
VNO
Analog voltage range(2)(3)(4)
–0.5
V+ + 0.5
V
VCOM
VNC, VNO, VCOM < 0 or VNC, VNO,
II/OK
Analog port diode current
±50
mA
VCOM > V+
INC
INO
On-state switch current
VNC, VNO, VCOM = 0 to V+
±50
mA
ICOM
VIN
Digital input voltage range(2)(3)
–0.5
6.5
V
IIK
Digital input clamp current
VIN < 0
–50
mA
Continuous current through V+ or GND
±100
mA
DGS package
56.5
θ
JA
Package thermal impedance(5)
°C/W
RSE package
243
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
This value is limited to 5.5 V maximum.
(5)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TS5A23157


Similar Part No. - TS5A23157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   DUAL 15-W SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
More results

Similar Description - TS5A23157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com