Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-3R0A231750B Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # VC-3R0A231750B
Description  ASSP for Mobile Telephone
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VC-3R0A231750B Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button VC-3R0A231750B Datasheet HTML 3Page - Fujitsu Component Limited. VC-3R0A231750B Datasheet HTML 4Page - Fujitsu Component Limited. VC-3R0A231750B Datasheet HTML 5Page - Fujitsu Component Limited. VC-3R0A231750B Datasheet HTML 6Page - Fujitsu Component Limited. VC-3R0A231750B Datasheet HTML 7Page - Fujitsu Component Limited. VC-3R0A231750B Datasheet HTML 8Page - Fujitsu Component Limited. VC-3R0A231750B Datasheet HTML 9Page - Fujitsu Component Limited. VC-3R0A231750B Datasheet HTML 10Page - Fujitsu Component Limited. VC-3R0A231750B Datasheet HTML 11Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
VC-23 Series
7
s PACKAGE DIMENSION
s RECOMMENDED PATTERN FOR SOLDERING
9.0
+0.3
−0.2
2.0 Max.
1
78
23
65
4
1.0
2.8
5.8
Dimensions in mm
5.8
2.8
6.8
8.0
10.6
1.0
Dimensions in mm
Dimension tolerance :
± 0.1 mm


Similar Part No. - VC-3R0A231750B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VC-3R0A231750B FUJITSU-VC-3R0A231750B Datasheet
105Kb / 11P
   ASSP for Mobile Telephone VCO (800 to 2000 MHz)
More results

Similar Description - VC-3R0A231750B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VC-2R8A30 FUJITSU-VC-2R8A30 Datasheet
154Kb / 15P
   ASSP for Mobile Telephone
VC-50 FUJITSU-VC-50 Datasheet
229Kb / 20P
   ASSP for Mobile Telephone
VC-3R0A50 FUJITSU-VC-3R0A50 Datasheet
248Kb / 20P
   ASSP for Mobile Telephone
VC-30 FUJITSU-VC-30 Datasheet
154Kb / 15P
   ASSP for Mobile Telephone
VC-2R2A80 FUJITSU-VC-2R2A80 Datasheet
152Kb / 13P
   ASSP for Mobile Telephone
VC-2R8A26 FUJITSU-VC-2R8A26 Datasheet
100Kb / 11P
   ASSP for Mobile Telephone
VC-23 FUJITSU-VC-23 Datasheet
105Kb / 11P
   ASSP for Mobile Telephone VCO (800 to 2000 MHz)
logo
Mitsubishi Electric Sem...
MF1151V-2 MITSUBISHI-MF1151V-2 Datasheet
54Kb / 1P
   FOR AMPS MOBILE TELEPHONE, Tx
MF1010S-1 MITSUBISHI-MF1010S-1 Datasheet
133Kb / 1P
   FOR AMPS MOBILE TELEPHONE, Tx
MF1083V-2 MITSUBISHI-MF1083V-2 Datasheet
63Kb / 1P
   FOR DCS MOBILE TELEPHONE, Rx
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com