Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A4595 Datasheet(PDF) 9 Page - Texas Instruments

Part # TS5A4595
Description  8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE- CHANNEL ANALOG SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A4595 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS5A4595_14 Datasheet HTML 5Page - Texas Instruments TS5A4595_14 Datasheet HTML 6Page - Texas Instruments TS5A4595_14 Datasheet HTML 7Page - Texas Instruments TS5A4595_14 Datasheet HTML 8Page - Texas Instruments TS5A4595_14 Datasheet HTML 9Page - Texas Instruments TS5A4595_14 Datasheet HTML 10Page - Texas Instruments TS5A4595_14 Datasheet HTML 11Page - Texas Instruments TS5A4595_14 Datasheet HTML 12Page - Texas Instruments TS5A4595_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TS5A4595
8 W SPST ANALOG SWITCH
5V/3.3V SINGLECHANNEL ANALOG SWITCH
SCDS180 − FEBRUARY 2005
www.ti.com
9
PIN DESCRIPTION
PIN
NUMBER
NAME
DESCRIPTION
1
COM
Common
2
NC
Normally closed
3
GND
Digital ground
4
IN
Digital control pin to connect COM to NC
5
V+
Power supply
PARAMETER DESCRIPTION
SYMBOL
DESCRIPTION
VCOM
Voltage at COM
VNC
Voltage at NC
ron
Resistance between COM and NC ports when the channel is ON
ron(flat)
Difference between the maximum and minimum value of ron in a channel over the specified range of conditions
INC(OFF)
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the OFF state
INC(ON)
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the ON state and the output (COM)
open
ICOM(OFF)
Leakage current measured at the COM port, with the corresponding channel (COM to NC) in the OFF state
ICOM(ON)
Leakage current measured at the COM port, with the corresponding channel (COM to NC) in the ON state and the output (NC)
open
VIH
Minimum input voltage for logic high for the control input (IN)
VIL
Maximum input voltage for logic low for the control input (IN)
VI
Voltage at the control input (IN)
IIH, IIL
Leakage current measured at the control input (IN)
tON
Turn-on time for the switch. This parameter is measured under the specified range of conditions and by the propagation delay
between the digital control (IN) signal and analog output (COM or NC) signal when the switch is turning ON.
tOFF
Turn-off time for the switch. This parameter is measured under the specified range of conditions and by the propagation delay
between the digital control (IN) signal and analog output (COM or NC) signal when the switch is turning OFF.
QC
Charge injection is a measurement of unwanted signal coupling from the control (IN) input to the analog (NC or COM) output.
This is measured in coulomb (C) and measured by the total charge induced due to switching of the control input.
Charge injection, QC = CL × ∆VCOM, CL is the load capacitance, and ∆VCOM is the change in analog output voltage.
CNC(OFF)
Capacitance at the NC port when the corresponding channel (NC to COM) is OFF
CNC(ON)
Capacitance at the NC port when the corresponding channel (NC to COM) is ON
CCOM(OFF)
Capacitance at the COM port when the corresponding channel (COM to NC) is OFF
CCOM(ON)
Capacitance at the COM port when the corresponding channel (COM to NC) is ON
CI
Capacitance of control input (IN)
OISO
OFF isolation of the switch is a measurement of OFF-state switch impedance. This is measured in dB in a specific frequency,
with the corresponding channel (NC to COM) in the OFF state.
BW
Bandwidth of the switch. This is the frequency in which the gain of an ON channel is −3 dB below the DC gain.
THD
Total harmonic distortion describes the signal distortion caused by the analog switch. This is defined as the ratio of root mean
square (RMS) value of the second, third, and higher harmonic to the absolute magnitude of the fundamental harmonic.
I+
Static power-supply current with the control (IN) pin at V+ or GND


Similar Part No. - TS5A4595_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
More results

Similar Description - TS5A4595_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4594 TI-TS5A4594_08 Datasheet
456Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8-R SPST ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
158Kb / 14P
[Old version datasheet]   8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596 Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com