Electronic Components Datasheet Search |
|
MBM29DL322BD-80PFTR Datasheet(PDF) 10 Page - Fujitsu Component Limited. |
|
MBM29DL322BD-80PFTR Datasheet(HTML) 10 Page - Fujitsu Component Limited. |
10 / 84 page MBM29DL32XTD/BD-80/90/12 10 s ABSOLUTE MAXIMUM RATINGS(See WARNING) WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings. Notes: 1. Minimum DC voltage on input or I/O pins are –0.5 V. During voltage transitions, inputs may negative overshoot VSS to –2.0 V for periods of up to 20 ns. Maximum DC voltage on output and I/O pins are VCC +0.5 V. During voltage transitions, outputs may positive overshoot to VCC +2.0 V for periods of up to 20 ns. 2. Minimum DC input voltage on A9, OE and RESET pins are –0.5 V. During voltage transitions, A9, OE and RESET pins may negative overshoot VSS to –2.0 V for periods of up to 20 ns. Maximum DC input voltage on A9, OE and RESET pins are +13.0 V which may positive overshoot to 14.0 V for periods of up to 20 ns. when VCC is applied. 3. Minimum DC input voltage on WP/ACC pin is –0.5 V. During voltage transitions, WP/ACC pin may negative overshoot VSS to –2.0 V for periods of up to 20 ns. Maximum DC input voltage on WP/ACC pin iis +10.5V which may positive overshoot to +10.5V for periods of up to 20ns when Vcc is applied. s RECOMMENDED OPERATING CONDITIONS Operating ranges define those limits between which the functionality of the devices are guaranteed. WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the device’s electrical characteristics are warranted when the device is operated within these ranges. Always use semiconductor devices within their recommended operating condition ranges. Operation outside these ranges may adversely affect reliability and could result in device failure. No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to contact their FUJITSU representatives beforehand. Parameter Symbol Conditions Rating Unit Min. Max. Storage Temperature Tstg –55 +125 °C Ambient Temperature with Power Applied TA –40 +85 °C Voltage with Respect to Ground All pins except A9, OE, RESET (Note 1) VIN, VOUT –0.5 VCC+0.5 V Power Supply Voltage (Note 1) VCC –0.5 +4.0 V A9, OE, and RESET (Note 2) VIN –0.5 +13.0 V WP/ACC (Note 3) VIN –0.5 +10.5 V Parameter Symbol Conditions Value Unit Min. Max. Ambient Temperature TA MBM29DL32XTD/BD-80 –20 +70 °C MBM29DL32XTD/BD-90/12 –40 +85 °C Power Supply Voltage VCC MBM29DL32XTD/BD-80 +3.0 +3.6 V MBM29DL32XTD/BD-90/12 +2.7 +3.6 V |
Similar Part No. - MBM29DL322BD-80PFTR |
|
Similar Description - MBM29DL322BD-80PFTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |