Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3492 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3492
Description  1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3492 Datasheet(HTML) 4 Page - Texas Instruments

  TLV3492 Datasheet HTML 1Page - Texas Instruments TLV3492 Datasheet HTML 2Page - Texas Instruments TLV3492 Datasheet HTML 3Page - Texas Instruments TLV3492 Datasheet HTML 4Page - Texas Instruments TLV3492 Datasheet HTML 5Page - Texas Instruments TLV3492 Datasheet HTML 6Page - Texas Instruments TLV3492 Datasheet HTML 7Page - Texas Instruments TLV3492 Datasheet HTML 8Page - Texas Instruments TLV3492 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TLV3491, 3492, 3494
SBOS262D
4
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +1.8V to +5.5V, and Input Overdrive = 100mV, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
–50
Temperature (
°C)
0
–25
50
75
25
100
125
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
V
DD = 5V
V
DD = 1.8V
V
DD = 3V
INPUT BIAS CURRENT vs TEMPERATURE
–50
Temperature (
°C)
25
50
–25
0
75
100
125
45
40
35
30
25
20
15
10
5
0
–5
OUTPUT LOW vs OUTPUT CURRENT
0
Output Current (mA)
46
2
V
DD = 5V
810
12
0.25
0.2
0.15
0.1
0.05
0
V
DD = 3V
V
DD = 1.8V
QUIESCENT CURRENT
vs OUTPUT SWITCHING FREQUENCY
1
Output Transition Frequency (Hz)
100
10
1k
10k
100k
12
10
8
6
4
2
0
V
S = 5V
V
S = 3V
V
S = 1.8V
SHORT-CIRCUIT CURRENT vs SUPPLY VOLTAGE
1.5
Supply Voltage (V)
3
Sink
Source
3.5
2
2.5
4
4.5
5
5.5
140
120
100
80
60
40
20
0
OUTPUT HIGH vs OUTPUT CURRENT
0
Output Current (mA)
46
2
8
10
12
0.25
0.2
0.15
0.1
0.05
0
V
DD = 5V
V
DD = 3V
V
DD = 1.8V


Similar Part No. - TLV3492

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3492 BURR-BROWN-TLV3492 Datasheet
494Kb / 15P
   1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Texas Instruments
TLV3492 TI1-TLV3492 Datasheet
3Mb / 24P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
TLV3492 TI1-TLV3492 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3492 TI1-TLV3492 Datasheet
528Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3492A-EP TI1-TLV3492A-EP Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results

Similar Description - TLV3492

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Burr-Brown (TI)
TLV3491 BURR-BROWN-TLV3491 Datasheet
494Kb / 15P
   1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
   1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
logo
Texas Instruments
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3701-EP TI1-TLV3701-EP_14 Datasheet
388Kb / 12P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561_13 Datasheet
1Mb / 46P
   1.8V Low-Power Push-Pull Output Comparator
2009-2013
MCP6561 MICROCHIP-MCP6561 Datasheet
730Kb / 42P
   1.8V Low Power Push-Pull Output Comparator
2009
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
   Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
   Push-Pull Output Comparator
logo
Texas Instruments
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com