Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39-30-1039 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 39-30-1039
Description  Mini-Fit Jr.??Power Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39-30-1039 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  39-30-1039 Datasheet HTML 1Page - Molex Electronics Ltd. 39-30-1039 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
9A
Voltage - Maximum
600V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
240
Material Info
Old Part Number
A-5566-03A3
Reference - Drawing Numbers
Product Specification
PS-5556-001
Sales Drawing
SDA-5566-03*3*
Test Summary
TS-5556-002
This document was generated on 08/26/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39-30-1039

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-30-1039 MOLEX3-39-30-1039 Datasheet
140Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Single Row, Vertical, with Snap-in Plastic Peg PCB Lock, 3 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Tin (Sn) Plating, without Drain Holes
More results

Similar Description - 39-30-1039

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-29-6148 MOLEX11-39-29-6148 Datasheet
50Kb / 2P
   Mini-Fit Jr.??Power Connectors
46993-1611 MOLEX11-46993-1611 Datasheet
59Kb / 1P
   Mini-Fit Jr. Plug Housing
46993-1810 MOLEX11-46993-1810 Datasheet
60Kb / 2P
   Mini-Fit Jr. Plug Housing
46999-0290 MOLEX11-46999-0290 Datasheet
38Kb / 2P
   Mini-Fit Jr. Plug Housing
46993-1811 MOLEX11-46993-1811 Datasheet
59Kb / 1P
   Mini-Fit Jr. Plug Housing
1626482 MOLEX11-1626482 Datasheet
38Kb / 2P
   4.20mm Pitch Mini-Fit Jr
39-01-2065 MOLEX11-39-01-2065 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing
0039293146 MOLEX3-0039293146 Datasheet
414Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.?
0039299046 MOLEX3-0039299046 Datasheet
407Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.?
0039281163 MOLEX3-0039281163 Datasheet
511Kb / 6P
   4.20mm (.165") Pitch Mini-Fit Jr.?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com