Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3201AIDCKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3201AIDCKR
Description  40-ns, microPOWER, Push-Pull Output Comparators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3201AIDCKR Datasheet(HTML) 5 Page - Texas Instruments

  TLV3201AIDCKR Datasheet HTML 1Page - Texas Instruments TLV3201AIDCKR Datasheet HTML 2Page - Texas Instruments TLV3201AIDCKR Datasheet HTML 3Page - Texas Instruments TLV3201AIDCKR Datasheet HTML 4Page - Texas Instruments TLV3201AIDCKR Datasheet HTML 5Page - Texas Instruments TLV3201AIDCKR Datasheet HTML 6Page - Texas Instruments TLV3201AIDCKR Datasheet HTML 7Page - Texas Instruments TLV3201AIDCKR Datasheet HTML 8Page - Texas Instruments TLV3201AIDCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
1
2
3
4
8
7
6
5
V
CC
2OUT
2IN
-
2IN+
1OUT
1IN
-
1IN+
GND
V
CC
IN
-
OUT
GND
IN+
1
2
3
5
4
TLV3201
TLV3202
www.ti.com
SBOS561A – MARCH 2012 – REVISED JUNE 2012
THERMAL INFORMATION
TLV3201
TLV3202
DBV
DCK
D
DGK
THERMAL METRIC(1)
UNITS
(SOT23)
(SC70)
(SOIC)
(MSOP)
5 PINS
5 PINS
8 PINS
8 PINS
θJA
Junction-to-ambient thermal resistance
237.8
281.9
146.3
201.9
θJCtop
Junction-to-case (top) thermal resistance
108.7
97.6
97.2
92.5
θJB
Junction-to-board thermal resistance
64.1
68.3
84.2
123.3
°C/W
ψJT
Junction-to-top characterization parameter
12.1
2.6
45.5
23.0
ψJB
Junction-to-board characterization parameter
63.3
67.3
83.7
121.6
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
PIN CONFIGURATIONS
D AND DGK PACKAGES
DCK AND DBV PACKAGES
SOIC-8 AND MSOP-8
SC70-5 AND SOT23-5
(TOP VIEW)
(TOP VIEW)
PIN DESCRIPTIONS: D, DGK
NAME
NO.
DESCRIPTION
1IN–
2
Negative input, comparator 1
1IN+
3
Positive input, comparator 1
1OUT
1
Output, comparator 1
2IN–
6
Negative input, comparator 2
2IN+
5
Positive input, comparator 2
2OUT
7
Output, comparator 2
GND
4
Negative supply, ground
VCC
8
Positive supply
PIN DESCRIPTIONS: DCK, DBV
NAME
NO.
DESCRIPTION
OUT
1
Output
GND
2
Negative supply, ground
IN+
3
Positive input
VCC
5
Positive supply
IN–
4
Negative input
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLV3201 TLV3202


Similar Part No. - TLV3201AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3201AIDCKR TI1-TLV3201AIDCKR Datasheet
1Mb / 26P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
More results

Similar Description - TLV3201AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3201 TI1-TLV3201_12 Datasheet
1Mb / 26P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201-Q1 TI1-TLV3201-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, Micropower, Push-Pull Output Automotive Comparators
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com