Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV7291MGNOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV7291MGNOPB
Description  Single 1.8V Low Power Comparator with Rail-to-Rail Input
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7291MGNOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMV7291MGNOPB Datasheet HTML 1Page - Texas Instruments LMV7291MGNOPB Datasheet HTML 2Page - Texas Instruments LMV7291MGNOPB Datasheet HTML 3Page - Texas Instruments LMV7291MGNOPB Datasheet HTML 4Page - Texas Instruments LMV7291MGNOPB Datasheet HTML 5Page - Texas Instruments LMV7291MGNOPB Datasheet HTML 6Page - Texas Instruments LMV7291MGNOPB Datasheet HTML 7Page - Texas Instruments LMV7291MGNOPB Datasheet HTML 8Page - Texas Instruments LMV7291MGNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LMV7291
SNOSA86E – FEBRUARY 2004 – REVISED MARCH 2013
www.ti.com
2.7V Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.7V, V= 0V. Boldface limits apply at the temperature
extremes.
(1)
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
VOS
Input Offset Voltage
0.3
4
mV
6
TC VOS
Input Offset Temperature Drift
VCM = 1.35V
(4)
10
µV/C
IB
Input Bias Current
10
nA
IOS
Input offset Current
200
pA
IS
Supply Current
LMV7291
9
13
µA
15
ISC
Output Short Circuit Current
Sourcing, VO = 1.35V
12
15
mA
Sinking, VO = 1.35V
12
15
VOH
Output Voltage High
IO = 0.5mA
2.63
2.66
V
IO = 2.0mA
2.48
2.55
VOL
Output Voltage Low
IO = −0.5mA
50
70
mV
IO = −2mA
155
220
VCM
Input Common Voltage Range
CMRR > 45dB
2.8
V
−0.1
V
CMRR
Common Mode Rejection Ratio
0 < VCM < 2.7V
47
78
dB
PSRR
Power Supply Rejection Ratio
V+ = 1.8V to 5V
55
80
dB
ILEAKAGE
Output Leakage Current
VO = 2.7V
2
pA
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
(4)
Offset Voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = 0.5V, VO = V
+/2 and R
L > 1MΩ to V
.
Boldface limits apply at the temperature extremes.
(1)
Symbol
Parameter
Condition
Min(2)
Typ(3)
Max(2)
Units
tPHL
Propagation Delay
Input Overdrive = 20mV
1200
ns
(High to Low)
Load = 50pF//5k
Input Overdrive = 50mV
810
ns
Load = 50pF//5k
tPLH
Propagation Delay
Input Overdrive = 20mV
1300
ns
(Low to High)
Load = 50pF//5k
Input Overdrive = 50mV
860
ns
Load = 50pF//5k
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMV7291


Similar Part No. - LMV7291MGNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7291MG NSC-LMV7291MG Datasheet
400Kb / 14P
   Single 1.8V Low Power Comparator with Rail-to-Rail Input
LMV7291MGX NSC-LMV7291MGX Datasheet
400Kb / 14P
   Single 1.8V Low Power Comparator with Rail-to-Rail Input
More results

Similar Description - LMV7291MGNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7291 NSC-LMV7291 Datasheet
400Kb / 14P
   Single 1.8V Low Power Comparator with Rail-to-Rail Input
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
   1.8V Low Voltage Comparator with Rail-to-Rail Input
LMV7271 NSC-LMV7271 Datasheet
494Kb / 16P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7272TL-NOPB TI1-LMV7272TL-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
National Semiconductor ...
LMV7271 NSC-LMV7271_08 Datasheet
939Kb / 18P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7275-Q1 TI1-LMV7275-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Texas Instruments
LMV7275-Q1 TI-LMV7275-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV7275-Q1 Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
logo
STMicroelectronics
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com