Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15A4001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A4001
Description  Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB NF, SMA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A4001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A4001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A4001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A4001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A4001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A4001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A4001 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TECHNICAL DATA SHEET
Absolute Maximum Rating
Parameter
Rating
Units
Source Voltage
+16
Volts
RF input Power
+17
dBm
Operating Temperature (base-plate)
-55 to +85
°C
Storage Temperature
-65 to +95
°C
.
ESD Sensitive Material,
Transport material in
Approved ESD bags.
Handle only in approved
ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
Heat Sink Required for Proper Operation, Unit is cooled by conduction to heat sink.
PE15A4001
PE15A4001 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt, 6 GHz to 12 GHz, Medium Power Broadband Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB
NF, SMA PE15A4001
2 Watt, 6 GHz to 12 GHz, Medium Power Broadband
Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB NF, SMA


Similar Part No. - PE15A4001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4001 PASTERNACK-PE15A4001_17 Datasheet
479Kb / 6P
   TECHNICAL DATA SHEET
More results

Similar Description - PE15A4001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4003 PASTERNACK-PE15A4003 Datasheet
479Kb / 6P
   Amplifier, 32 dB Gain, 42 dBm IP3, 5 dB NF, SMA
PE15A4002 PASTERNACK-PE15A4002 Datasheet
481Kb / 6P
   Amplifier, 33 dB Gain, 39 dBm IP3, 6 dB NF, SMA
PE15A3504 PASTERNACK-PE15A3504 Datasheet
487Kb / 6P
   Broadband High Gain Amplifier, 42 dBm IP3, 5 dB NF, SMA
PE15A3507 PASTERNACK-PE15A3507 Datasheet
479Kb / 6P
   High Gain Amplifier, 39 dBm IP3, 6 dB NF, SMA
PE15A4004 PASTERNACK-PE15A4004 Datasheet
480Kb / 6P
   Amplifier, 38 dB Gain, 39 dBm IP3, 5 dB NF, SMA
PE15A4005 PASTERNACK-PE15A4005 Datasheet
468Kb / 6P
   Amplifier, 33 dB Gain, 39 dBm IP3, 5 dB NF, SMA
PE15A4007 PASTERNACK-PE15A4007 Datasheet
481Kb / 6P
   30 dB Gain, 45 dBm IP3, 5 dB NF, SMA
PE15A4006 PASTERNACK-PE15A4006 Datasheet
483Kb / 6P
   30 dB Gain, 38 dBm IP3, 3 dB NF, SMA
PE15A3503 PASTERNACK-PE15A3503 Datasheet
488Kb / 6P
   High Gain Amplifier, 39 dBm IP3, 5 dB NF, SMA
PE15A3022 PASTERNACK-PE15A3022 Datasheet
447Kb / 5P
   1 Watt P1dB, 300 MHz to 18 GHz, Medium Power Broadband Amplifier, 37 dB Gain, 42 dBm IP3, 3.5 dB NF, SMA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com