Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JL139BDA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # JL139BDA
Description  LM139JAN Low Power Low Offset Voltage Quad Comparators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

JL139BDA Datasheet(HTML) 8 Page - Texas Instruments

Back Button JL139BDA Datasheet HTML 4Page - Texas Instruments JL139BDA Datasheet HTML 5Page - Texas Instruments JL139BDA Datasheet HTML 6Page - Texas Instruments JL139BDA Datasheet HTML 7Page - Texas Instruments JL139BDA Datasheet HTML 8Page - Texas Instruments JL139BDA Datasheet HTML 9Page - Texas Instruments JL139BDA Datasheet HTML 10Page - Texas Instruments JL139BDA Datasheet HTML 11Page - Texas Instruments JL139BDA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LM139JAN
SNOSAJ7B – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
APPLICATION HINTS
The LM139 is a high gain, wide bandwidth device which, like most comparators, can easily oscillate if the output
lead is inadvertently allowed to capacitively couple to the inputs via stray capacitance. This shows up only during
the output voltage transition intervals as the comparator changes states. Power supply bypassing is not required
to solve this problem. Standard PC board layout is helpful as it reduces stray input-output coupling. Reducing the
input resistors to < 10 k
Ω reduces the feedback signal levels and finally, adding even a small amount (1 to 10
mV) of positive feedback (hysteresis) causes such a rapid transition that oscillations due to stray feedback are
not possible. Simply socketing the IC and attaching resistors to the pins will cause input-output oscillations during
the small transition intervals unless hysteresis is used. If the input signal is a pulse waveform, with relatively fast
rise and fall times, hysteresis is not required.
All pins of any unused comparators should be tied to the negative supply.
The bias network of the LM139 establishes a drain current which is independent of the magnitude of the power
supply voltage over the range of from 5 VDC to 30 VDC.
It is usually unnecessary to use a bypass capacitor across the power supply line.
The differential input voltage may be larger than V+ without damaging the device. Protection should be provided
to prevent the input voltages from going negative more than
−0.3 VDC (at 25°C). An input clamp diode can be
used as shown in the applications section.
The output of the LM139 is the uncommitted collector of a grounded-emitter NPN output transistor. Many
collectors can be tied together to provide an output OR'ing function. An output pull-up resistor can be connected
to any available power supply voltage within the permitted supply voltage range and there is no restriction on this
voltage due to the magnitude of the voltage which is applied to the V+ terminal of the LM139 package. The
output can also be used as a simple SPST switch to ground (when a pull-up resistor is not used). The amount of
current which the output device can sink is limited by the drive available (which is independent of V+) and the
β
of this device. When the maximum current limit is reached (approximately 16 mA), the output transistor will come
out of saturation and the output voltage will rise very rapidly. The output saturation voltage is limited by the
approximately 60
Ω RSAT of the output transistor. The low offset voltage of the output transistor (1 mV) allows the
output to clamp essentially to ground level for small load currents.
Typical Applications
(V+ = 5.0 VDC)
Figure 7. Basic Comparator
Figure 8. Driving CMOS
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM139JAN


Similar Part No. - JL139BDA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
JL139BDA NSC-JL139BDA Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
More results

Similar Description - JL139BDA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com