Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15A5001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A5001
Description  High Power High Gain Amplifier, SMA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A5001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A5001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A5001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A5001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A5001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A5001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A5001 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
Heat Sink Required for Proper Operation, Unit is cooled by conduction to heat sink.
PE15A5001
PE15A5001 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 40 dB Gain, 10 Watt, 1.2 GHz to 1.4 GHz, High Power High Gain Amplifier, SMA PE15A5001
40 dB Gain, 10 Watt, 1.2 GHz to 1.4 GHz,
High Power High Gain Amplifier, SMA


Similar Part No. - PE15A5001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5002 PASTERNACK-PE15A5002 Datasheet
483Kb / 6P
   Power High Gain Amplifier, 4 dB NF, SMA
PE15A5003 PASTERNACK-PE15A5003 Datasheet
478Kb / 6P
   Power High Gain Amplifier, 3.5 dB NF, SMA
PE15A5004 PASTERNACK-PE15A5004 Datasheet
492Kb / 6P
   7 Watt Psat, 700 MHz to 2.2 GHz, High Power Amplifier, 30 dB Gain, 38.5 dBm IP3, 10 dB NF, SMA
PE15A5005 PASTERNACK-PE15A5005 Datasheet
515Kb / 6P
   50 Ohm Input and Output Matched
PE15A5006 PASTERNACK-PE15A5006 Datasheet
525Kb / 6P
   50 Ohm Input and Output Matched
More results

Similar Description - PE15A5001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4010 PASTERNACK-PE15A4010 Datasheet
502Kb / 6P
   Power High Gain Amplifier, 2 dB NF, SMA
PE15A5002 PASTERNACK-PE15A5002 Datasheet
483Kb / 6P
   Power High Gain Amplifier, 4 dB NF, SMA
PE15A4008 PASTERNACK-PE15A4008 Datasheet
503Kb / 6P
   Power High Gain Amplifier, 3.5 dB NF, SMA
PE15A5003 PASTERNACK-PE15A5003 Datasheet
478Kb / 6P
   Power High Gain Amplifier, 3.5 dB NF, SMA
PE15A1013 PASTERNACK-PE15A1013 Datasheet
718Kb / 5P
   Low Noise High Gain Amplifier SMA
logo
Analog Devices
HMC1127 AD-HMC1127 Datasheet
390Kb / 16P
   MMIC, High Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
Silicon Storage Technol...
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
List of Unclassifed Man...
SST12LP19E-QX8E ETC2-SST12LP19E-QX8E Datasheet
384Kb / 21P
   2.4 GHz High-Power, High-Gain Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com