Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5801 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5801 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 3Page - Texas Instruments AFE5801 Datasheet HTML 4Page - Texas Instruments AFE5801 Datasheet HTML 5Page - Texas Instruments AFE5801 Datasheet HTML 6Page - Texas Instruments AFE5801 Datasheet HTML 7Page - Texas Instruments AFE5801 Datasheet HTML 8Page - Texas Instruments AFE5801 Datasheet HTML 9Page - Texas Instruments AFE5801 Datasheet HTML 10Page - Texas Instruments AFE5801 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
AFE5801
www.ti.com
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
DIGITAL CHARACTERISTICS
(1)
The dc specifications refer to the condition where the digital outputs are not switching, but permanently at a valid logic level 0
or 1. Typical values are at 25°C, min and max values are across the full temperature range of Tmin = –40°C to Tmax = 85°C,
AVDD3 = 3.3V, AVDD18 = 1.8V, DVDD18 = 1.8V, external differential load resistance between the LVDS output pair RLOAD =
100
Ω.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (PDN, RESET, SCLK, SDATA, SEN, SYNC)
High-level input voltage
1.4
3.6
V
Low-level input voltage
0.8
V
High-level input current
10
mA
Low-level input current
10
mA
Input capacitance
4
pF
DIGITAL OUTPUTS (DiP, DiM)
High-level output voltage
1375
mV
Low-level output voltage
1025
mV
Output differential voltage |VOD|
270
380
490
mV
Output offset voltage VOS
Common-mode voltage of DiP and DiM
0.9
1.15
1.5
V
Output capacitance inside the device, from either output to
Output capacitance
2
pF
DVSS.
DIGITAL OUTPUTS (SDOUT)
High-level output voltage
1.6
1.8
V
Low-level output voltage
0
0.2
V
Output impedance
50 ±25%
(1)
All LVDS specifications have been characterized but not tested at production. For clock input levels, see the Recommended Operating
Conditions table.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): AFE5801


Similar Part No. - AFE5801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5801 TI-AFE5801 Datasheet
1,011Kb / 46P
[Old version datasheet]   8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
AFE5801IRGCR TI-AFE5801IRGCR Datasheet
1,011Kb / 46P
[Old version datasheet]   8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
AFE5801IRGCT TI-AFE5801IRGCT Datasheet
1,011Kb / 46P
[Old version datasheet]   8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
More results

Similar Description - AFE5801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5801 TI-AFE5801 Datasheet
1,011Kb / 46P
[Old version datasheet]   8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
AFE5851 TI1-AFE5851_14 Datasheet
1Mb / 41P
[Old version datasheet]   16 CHANNEL VARIABLE GAIN AMPLIFIER (VGA) WITH OCTAL HIGH SPEED ADC
AFE5851 TI-AFE5851 Datasheet
1Mb / 41P
[Old version datasheet]   16 CHANNEL VARIABLE GAIN AMPLIFIER (VGA) WITH OCTAL HIGH SPEED ADC
logo
Burr-Brown (TI)
VCA8617 BURR-BROWN-VCA8617 Datasheet
400Kb / 26P
   8-Channel VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
VCA8617 TI1-VCA8617_14 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8613 TI-VCA8613 Datasheet
378Kb / 21P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
THS7530 TI-THS7530 Datasheet
200Kb / 16P
[Old version datasheet]   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
Maxim Integrated Produc...
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
   Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
logo
TriQuint Semiconductor
TQC9074 TRIQUINT-TQC9074_15 Datasheet
493Kb / 7P
   High Linearity Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com