Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS0027D Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RS0027D
Description  SCHOTTKY CENTERTAP RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0027D Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RS0027D Datasheet HTML 1Page - Solid States Devices, Inc RS0027D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR4045CTJ
Series
Electrical Characteristic
5/
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300 – 500usec Pulse)
IF = 5A
IF = 10A
IF = 15A
VF1
VF2
VF3
––
––
––
0.52
0.64
0.75
VDC
Instantaneous Forward Voltage Drop
(TA = -55ºC, 300 – 500usec Pulse)
IF = 10A
VF4
––
0.72
VDC
Reverse Leakage Current
(100% of rated VR, 300µs pulse min.)
TA = 25ºC
TA = 100ºC
IR1
IR2
––
––
200
15
µA
mA
Junction Capacitance
(VR=10VDC, TA=25ºC, f=1MHz)
CJ
––
800
pF
Available Part Numbers:
SSR4045CTJ
SSR4045CTJUB
SSR4045CTJDB
SSR4045CAJ
SSR4045CAJUB
SSR4045CAJDB
SSR4045DJ
SSR4045DJUB
SSR4045DJDB
SSR4045DRJ
SSR4045DRJUB
SSR4045DRJDB
PIN ASSIGNMENT
CONFIGURATION
Pin 1
Pin 2
Pin 3
Common Cathode (CT)
Anode
Cathode
Anode
Common Anode (CA)
Cathode
Anode
Cathode
Doubler (D)
Cathode
AC
Anode
Doubler Reverse (DR)
Anode
AC
Cathode
.180
.150
2x
.180
.150
.200
MIN
.125
.110
1.100
.500
PIN 1
PIN 2
PIN 3
.200
MIN
SUFFIX: JD
SUFFIX: JU
SUFFIX: J
3x Ø
.035
.025
.537
.527
.660
.645
.430
.410
.210
.190
.045
.035
Ø
.150
.140
.420
.410
.105
.095
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0027D
DOC


Similar Part No. - RS0027D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0027D SSDI-RS0027D_15 Datasheet
128Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - RS0027D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0072A SSDI-SH0072A Datasheet
107Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
SH0076A SSDI-SH0076A Datasheet
111Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
SSR1505CTM SSDI-SSR1505CTM Datasheet
101Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
RS0065 SSDI-RS0065 Datasheet
105Kb / 2P
   SCHOTTKY CENTERTAP RECTIFIER
SH0066B SSDI-SH0066B_15 Datasheet
149Kb / 2P
   SCHOTTKY CENTERTAP RECTIFIER
SH0055A SSDI-SH0055A_15 Datasheet
101Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
SH0066B SSDI-SH0066B Datasheet
149Kb / 2P
   SCHOTTKY CENTERTAP RECTIFIER
SSR1505CTG SSDI-SSR1505CTG Datasheet
93Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
RS0029 SSDI-RS0029 Datasheet
179Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
SH0052B SSDI-SH0052B_15 Datasheet
130Kb / 2P
   SCHOTTKY CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com