Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2133JSPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR2133JSPBF
Description  3-PHASE BRIDGE DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2133JSPBF Datasheet(HTML) 1 Page - International Rectifier

  IR2133JSPBF Datasheet HTML 1Page - International Rectifier IR2133JSPBF Datasheet HTML 2Page - International Rectifier IR2133JSPBF Datasheet HTML 3Page - International Rectifier IR2133JSPBF Datasheet HTML 4Page - International Rectifier IR2133JSPBF Datasheet HTML 5Page - International Rectifier IR2133JSPBF Datasheet HTML 6Page - International Rectifier IR2133JSPBF Datasheet HTML 7Page - International Rectifier IR2133JSPBF Datasheet HTML 8Page - International Rectifier IR2133JSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
VOFFSET
600V or 1200V max.
IO+/-
200 mA / 420 mA
VOUT
10 - 20V or 12 - 20V
ton/off (typ.)
750/700 ns
Deadtime (typ.)
250 ns
Product Summary
3-PHASE BRIDGE DRIVER
IR2133/IR2135(J&S)&(PbF)
IR2233/IR2235(J&S)&(PbF)
Data Sheet No. PD60107 revX
www.irf.com
1
Features
••••• Floating channel designed for bootstrap operation
Fully operational to +600V or+1200V
Tolerant to negative transient voltage
dV/dt immune
••••• Gate drive supply range from 10V/12V to 20V DC and
up to 25V for transient
••••• Undervoltage lockout for all channels
••••• Over-current shut down turns off all six drivers
••••• Independent 3 half-bridge drivers
••••• Matched propagation delay for all channels
••••• 2.5V logic compatible
••••• Outputs out of phase with inputs
••••• All parts are also available LEAD-FREE
Description
The IR2133IR2135/IR2233IR2355 (J&S) are high voltage, high speed
power MOSFET and IGBT driver with three independent high side and
low side referenced output channels for 3-phase applications. Propri-
etary HVIC technology enables ruggedized monolithic construction.
Logic inputs are compatible with CMOS or LSTTL outputs, down to
2.5V logic. An independent operational amplifier provides an analog
feedback of bridge current via an external current sense resistor. A
current trip function which terminates all six outputs can also be de-
rived from this resistor. A shutdown function is available to terminate all six outputs. An open drain FAULT signal is provided to
indicate that an over-current or undervoltage shutdown has occurred. Fault conditions are cleared with the FLT-CLR lead. The
output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays are
matched to simplify use in high frequency applications. The floating channels can be used to drive N-channel power MOSFETs or
IGBTs in the high side configuration which operates up to 600 volts or 1200 volts.
up to 600V or 1200V
Typical Connection
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical connections only.
Please refer to our Application Notes and DesignTips for proper circuit board layout.
Packages
28-Lead SOIC
44-Lead PLCC w/o 12 leads
28-Lead PDIP


Similar Part No. - IR2133JSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2133J IRF-IR2133J Datasheet
218Kb / 12P
   3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR2133J INFINEON-IR2133J Datasheet
436Kb / 27P
   3-PHASE BRIDGE DRIVER
Data Sheet No. PD60107 revX
More results

Similar Description - IR2133JSPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com