Electronic Components Datasheet Search |
|
FM4003-T Datasheet(PDF) 2 Page - Rectron Semiconductor |
|
FM4003-T Datasheet(HTML) 2 Page - Rectron Semiconductor |
2 / 10 page SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 oC ambient temperature unless otherwise specified. resistive or inductive load. FM4007 THRU FM4001 MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Ambient Temperature Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Current Squarad Time Typical Junction Capacitance (Note 2) SYMBOL VRRM VDC IFSM I2t CJ TSTG VRMS UNITS Volts Volts Volts Amps 1.0 30 3.7 15 Amps A2/Sec 0 C/W 0 C/W 0 C Storage Temperature Range R q J A Typical Thermal Resistance (Note 1) 27 80 30 R q J L IO pF Operating Temperature Range TJ FM4001 50 150 -55 to + 150 0 C FM4002 FM4003 FM4004 FM4005 FM4006 100 200 400 600 35 70 140 280 420 50 100 200 400 600 FM4007 FM4001 FM4002 FM4003 FM4004 FM4005 FM4006 FM4007 800 1000 800 1000 560 700 2009-09 REV:B CHARACTERISTICS Maximum Average Reverse Current at Rated DC Blocking Voltage VF SYMBOL IR m A Maximum Instantaneous Forward Voltage at 1.0A DC Volts 5.0 100 @TA = 25 oC @TA = 100 oC m A UNITS 1.1 NOTES : 1. Thermal Resistance :Mounted on PCB. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. "Fully ROHS compliant","100% Sn plating (Pb-free)". FEATURES * Glass passivated device * Ideal for surface mounted applications * Low leakage current * Metallurgically bonded construction * Mounting position: Any * Weight: 0.057 gram * Epoxy : Device has UL flammability classification 94V-0 MECHANICAL DATA DO-214AC Dimensions in inches and (millimeters) 0.091 ( 2.31 ) 0.067 ( 1.70 ) 0.012 ( 0.305 ) 0.006 ( 0.152 ) 0.008 ( 0.203 ) 0.004 ( 0.102 ) 0.059 ( 1.50 ) 0.035 ( 0.89 ) 0.209 ( 5.31 ) 0.185 ( 4.70 ) 0.180 ( 4.57 ) 0.160 ( 4.06 ) 0.110 ( 2.79 ) 0.086 ( 2.18 ) 0.067 (1.70 ) 0.051 (1.29 ) |
Similar Part No. - FM4003-T |
|
Similar Description - FM4003-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |