Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL32173EIVZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL32173EIVZ-T
Description  QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32173EIVZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL32173EIVZ-T Datasheet HTML 1Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 2Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 3Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 4Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 5Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 6Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 7Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 8Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
FN7529.1
March 14, 2013
Truth Tables (Continued)
RECEIVER ENABLE (ISL32175E, ISL32275E)
INPUTS
OUTPUTS
EN12
EN34
RO1
RO2
RO3
RO4
0
0
Z*
Z*
Z*
Z*
01
Z
Z
EN
EN
1
0
EN
EN
Z
Z
1
1
EN
EN
EN
EN
NOTE: *Low Power SHDN Mode When All Outputs Disabled;
Z=Tri-state
RECEIVER ENABLE (ISL32177E, ISL32277E)
INPUTS
OUTPUTS
ENX
EN EN SHDNEN ROX
COMMENTS
0
X
X
0
Z
Chan X output disabled
EN1-4 = 0 X
X
1
Z*
All outputs disabled
X
0
1
0
Z
All outputs disabled
X
0
1
1
Z*
All outputs disabled
1X
0
X
EN Individual ENX controls
chan
11
X
X
EN
NOTE: * Low Power SHDN Mode; Z = Tri-state
Typical Operating Circuits (1 of 4 Channels Shown)
NETWORK USING GROUP ENABLES
NETWORK USING PAIRED ENABLES
0.1µF
+
R
2
1
16
3
12
8
VCC
GND
RO
EN
B
A
+3.3V TO 5V
0.1µF
+
D
VCC
GND
EN
DI
Z
Y
RT
+3.3V TO 5V
ISL32X73E
ISL32X72E
1
4
8
3
2
16
EN 12
≥1kΩ
EN
4
0.1µF
+
R
2
1
16
3
8
VCC
GND
RO1
B1
A1
+3.3V TO 5V
0.1µF
+
D
VCC
GND
EN12
DI1
Z1
Y1
RT
+3.3V TO 5V
ISL32X75E
ISL32X74E
1
8
3
2
4 EN12
16
4
ISL32173E, ISL32175E, ISL32177E, ISL32273E, ISL32275E, ISL32277E


Similar Part No. - ISL32173EIVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32173EIVZ INTERSIL-ISL32173EIVZ Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL32173EIVZ RENESAS-ISL32173EIVZ Datasheet
1Mb / 21P
   Telecom equipment
More results

Similar Description - ISL32173EIVZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com