Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5238 Datasheet(PDF) 1 Page - General Semiconductor

Part # 1N5238
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

1N5238 Datasheet(HTML) 1 Page - General Semiconductor

  1N5238 Datasheet HTML 1Page - General Semiconductor 1N5238 Datasheet HTML 2Page - General Semiconductor 1N5238 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance
R
ΘJA
300(1)
°C/W
Junction to Ambient Air
Forward Voltage
VF
1.1
Volts
at IF = 200 mA
NOTES:
Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
SYMBOL
VALUE
UNIT
Zener Current (see Table “Characteristics”)
Power Dissipation at Tamb = 75°C
Ptot
500(1)
mW
Maximum Junction Temperature
Tj
175
°C
Storage Temperature Range
TS
– 65 to +175
°C
1/21/99
FEATURES
♦ Silicon Planar Power Zener Diodes
♦ Standard Zener voltage tolerance is ± 5%
with a “B” suffix. Other tolerances are
available upon request.
♦ These diodes are also available in Mini-MELF case with
the type designation ZMM5225 ... ZMM5267, SOT-23
case with the type designation MMBZ5265 ... MMBZ5267
and SOD-23 case with the types designation MMSZ5225 ...
MMSZ5267.
MECHANICAL DATA
Case: DO-35 Glass Case
Weight: approx. 0.13 g
MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified.
1N5225 THRU 1N5267
ZENER DIODES
max. ∅
Cathode
.020 (0.52)
Mark
max. ∅.079 (2.0)
DO-35
Dimensions are in inches and (millimeters)


Similar Part No. - 1N5238

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5238 SURGE-1N5238 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Jinan Jingheng (Group) ...
1N5238 JINANJINGHENG-1N5238 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5238 HORNBY-1N5238 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5238 SEME-LAB-1N5238 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Micro Commercial Compon...
1N5238 MCC-1N5238 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

Similar Description - 1N5238

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com