Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2032 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # M2032
Description  Miniature Toggles
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M2032 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button M2032 Datasheet HTML 4Page - List of Unclassifed Manufacturers M2032 Datasheet HTML 5Page - List of Unclassifed Manufacturers M2032 Datasheet HTML 6Page - List of Unclassifed Manufacturers M2032 Datasheet HTML 7Page - List of Unclassifed Manufacturers M2032 Datasheet HTML 8Page - List of Unclassifed Manufacturers M2032 Datasheet HTML 9Page - List of Unclassifed Manufacturers M2032 Datasheet HTML 10Page - List of Unclassifed Manufacturers M2032 Datasheet HTML 11Page - List of Unclassifed Manufacturers M2032 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Series M
Bushing Mount Miniature Toggles
www.nkk.com
A58
A
TYPICAL SWITCH DIMENSIONS
Solder Lug
Single Pole
M2012SS1W01
M2011 model does not have terminal 1.
Solder Lug
Double Pole
M2022SS1W01
M2021 model does not have terminals 1 & 4.
Solder Lug
Three Pole
Solder Lug
Four Pole
M2032SS1W01
M2042SS1W01
Keyway
(7.9)
.311
25°
1/4-40 Thd
(1.1) x (2.0) Typ
.043 x .079
(4.7) Typ
.185
(0.8) Typ
.031
(0.5) Typ
.020
(4.5)
.177
(9.4)
.371
(0.9)
.035
(8.9)
.350
(10.5)
.413
(2.8) Dia
.110
(13.0)
.512
(2.0)
.079
1
2
3
6
5
4
1
2
3
(13.0)
.512
(2.0) Typ
.079
(4.8)
.189
25°
1/4-40 Thd
(1.1) x (2.0) Typ
.043 x .079
(4.7) Typ
.185
(0.8) Typ
.031
(0.5) Typ
.020
(4.5)
.177
(9.4)
.371
(0.9)
.035
(8.9)
.350
(10.5)
.413
(2.8) Dia
.110
Keyway
(12.7)
.500
6
5
4
1
2
3
(13.0)
.512
(2.0) Typ
.079
(4.8) Typ
.189
9
8
7
25°
1/4-40 Thd
(1.1) x (2.0) Typ
.043 x .079
(4.7) Typ
.185
(0.8) Typ
.031
(0.5) Typ
.020
(4.5)
.177
(11.5)
.453
(0.9)
.035
(8.9)
.350
(10.5)
.413
(2.8) Dia
.110
Keyway
(17.5)
.689
Keyway
(22.3)
.878
25°
1/4-40 Thd
(1.1) x (2.0) Typ
.043 x .079
(4.7) Typ
.185
(0.8) Typ
.031
(0.5) Typ
.020
(4.5)
.177
(11.5)
.453
(0.9)
.035
(8.9)
.350
(10.5)
.413
(2.8) Dia
.110
(13.0)
.512
(2.0) Typ
.079
(4.8) Typ
.189
6
5
41
2
3
9
8
7
10
11
12


Similar Part No. - M2032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2032 ETC1-M2032 Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
logo
MTRONPTI
M2032 MTRONPTI-M2032 Datasheet
318Kb / 1P
   3.2 x 5.0 x 1.3 mm HCMOS Compatible Surface Mount Oscillators
M2032 MTRONPTI-M2032 Datasheet
288Kb / 2P
   3.2 x 5.0 x 1.3 mm HCMOS Compatible Surface Mount Oscillators
M2032 MTRONPTI-M2032 Datasheet
368Kb / 2P
   3.2 x 5.0 x 1.3 mm HCMOS Compatible Surface Mount Oscillators
logo
List of Unclassifed Man...
M2032 ETC2-M2032 Datasheet
343Kb / 10P
   General Specifications
More results

Similar Description - M2032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
M2013SS1W01 ETC2-M2013SS1W01 Datasheet
1Mb / 12P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
E2011-BA NKK-E2011-BA Datasheet
159Kb / 6P
   Light Duty Miniature Toggles
JF01PC NKK-JF01PC Datasheet
45Kb / 1P
   Ultra-Miniature Fully Illuminated Toggles
G12JPC NKK-G12JPC Datasheet
123Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
G12AP NKK-G12AP Datasheet
126Kb / 4P
   Process Sealed Ultra-Miniature Toggles
logo
List of Unclassifed Man...
G12JHC ETC2-G12JHC Datasheet
427Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com