Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N752A Datasheet(PDF) 2 Page - General Semiconductor

Part # 1N752A
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

1N752A Datasheet(HTML) 2 Page - General Semiconductor

  1N752A Datasheet HTML 1Page - General Semiconductor 1N752A Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N746 THRU 1N759
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Type
Number
Nominal
Zener Voltage
VZ @ IZT
(3)
(Volts)
Test
Current
IZT
(mA)
Maximum Zener Impedance
ZZT @ IZT
(1)
(
Ω)
Maximum
Regulator Current
IZM
(2)
(mA)
Maximum Reverse Leakage Current
TA = 25°C
IR @ VR = 1V
(
µA)
TA = 150°C
IR @ VR = 1V
(
µA)
1N746A
3.3
20
28
110
10
30
1N747A
3.6
20
24
100
10
30
1N748A
3.9
20
23
95
10
30
1N749A
4.3
20
22
85
2
30
1N750A
4.7
20
19
75
2
30
1N751A
5.1
20
17
70
1
20
1N752A
5.6
20
11
65
1
20
1N753A
6.2
20
7
60
0.1
20
1N754A
6.8
20
5
55
0.1
20
1N755A
7.5
20
6
50
0.1
20
1N756A
8.2
20
8
45
0.1
20
1N757A
9.1
20
10
40
0.1
20
1N758A
10
20
17
35
0.1
20
1N759A
12
20
30
30
0.1
20
NOTES:
(1) The Zener Impedance is derived from the 1 KHZ AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT) is
superimposed on IZT. Zener Impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units.
(2) Valid provided that leads at a distance of 3/8” from case are kept at ambient temperature.
(3) Measured with device junction in thermal equilibrium.


Similar Part No. - 1N752A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N752A FAIRCHILD-1N752A Datasheet
21Kb / 2P
   Half Watt Zeners
logo
National Semiconductor ...
1N752A NSC-1N752A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Compensated Deuices Inc...
1N752A CDI-DIODE-1N752A Datasheet
23Kb / 2P
   DOUBLE PLUG CONSTRUCTION
logo
Micro Commercial Compon...
1N752A MCC-1N752A Datasheet
371Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Leshan Radio Company
1N752A LRC-1N752A Datasheet
36Kb / 1P
   1N43 1N7 SERIES ZENER DIODES
More results

Similar Description - 1N752A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com