Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8344 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8344
Description  16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8344 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8344 Datasheet HTML 2Page - Texas Instruments ADS8344 Datasheet HTML 3Page - Texas Instruments ADS8344 Datasheet HTML 4Page - Texas Instruments ADS8344 Datasheet HTML 5Page - Texas Instruments ADS8344 Datasheet HTML 6Page - Texas Instruments ADS8344 Datasheet HTML 7Page - Texas Instruments ADS8344 Datasheet HTML 8Page - Texas Instruments ADS8344 Datasheet HTML 9Page - Texas Instruments ADS8344 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ADS8344
6
SBAS139E
TYPICAL CHARACTERISTICS: +5V (Cont.)
At TA = +25°C, +VCC = +5V, VREF = +5V, fSAMPLE = 100kHz, and fDCLK = 24 • fSAMPLE = 2.4MHz, unless otherwise noted.
Output Code
2
1
0
–1
–2
–3
–4
INTEGRAL LINEARITY ERROR vs CODE
8000
H
C000
H
FFFF
H
0000
H
4000
H
Output Code
3
2
1
0
–1
–2
–3
DIFFERENTIAL LINEARITY ERROR vs CODE
8000
H
C000
H
FFFF
H
0000
H
4000
H
WORST CASE CHANNEL-TO-CHANNEL
OFFSET MATCH vs TEMPERATURE
3.0
2.5
2.0
1.5
1.0
Temperature (
°C)
–50
–25
0
25
50
75
100
WORST CASE CHANNEL-TO-CHANNEL
GAIN MATCH vs TEMPERATURE
2.0
1.5
1.0
0.5
0.0
Temperature (
°C)
–50
–25
0
25
50
75
100
3
2
1
0
–1
–2
–3
–50
–25
0
25
50
75
100
CHANGE IN OFFSET vs TEMPERATURE
Temperature (
°C)
1.0
0.5
0.0
–0.5
–50
–25
0
25
50
75
100
CHANGE IN GAIN vs TEMPERATURE
Temperature (
°C)


Similar Part No. - ADS8344

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8344 BURR-BROWN-ADS8344 Datasheet
278Kb / 13P
   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8344E BURR-BROWN-ADS8344E Datasheet
278Kb / 13P
   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8344E TI-ADS8344E Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling
ADS8344E/2K5 TI-ADS8344E/2K5 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling
ADS8344E/2K5G4 TI-ADS8344E/2K5G4 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling
More results

Similar Description - ADS8344

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8344 BURR-BROWN-ADS8344 Datasheet
278Kb / 13P
   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8345 TI-ADS8345 Datasheet
505Kb / 18P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI1-ADS8345_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343 BURR-BROWN-ADS8343 Datasheet
446Kb / 18P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com