Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8341 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8341
Description  16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8341 Datasheet(HTML) 2 Page - Texas Instruments

  ADS8341 Datasheet HTML 1Page - Texas Instruments ADS8341 Datasheet HTML 2Page - Texas Instruments ADS8341 Datasheet HTML 3Page - Texas Instruments ADS8341 Datasheet HTML 4Page - Texas Instruments ADS8341 Datasheet HTML 5Page - Texas Instruments ADS8341 Datasheet HTML 6Page - Texas Instruments ADS8341 Datasheet HTML 7Page - Texas Instruments ADS8341 Datasheet HTML 8Page - Texas Instruments ADS8341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADS8341
2
SBAS136D
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
MAXIMUM
NO
INTEGRAL
MISSING
LINEARITY
CODES
SPECIFICATION
ERROR
ERROR
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
RANGE
PACKAGE
DESIGNATOR(1)
NUMBER
MEDIA
ADS8341E
8
14
–40
°C to +85°C
SSOP-16
DBQ
ADS8341E
Rails
"
"
"
"
"
"
ADS8341E/2K5
Tape and Reel
ADS8341EB
6
15
–40
°C to +85°C
SSOP-16
DBQ
ADS8341EB
Rails
"
"
"
"
"
"
ADS8341EB/2K5
Tape and Reel
NOTE: (1) For the most current specifications and package information, refer to our web site www.ti.com.
PIN CONFIGURATIONS
Top View
SSOP
PACKAGE/ORDERING INFORMATION
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1+VCC
Power Supply, 2.7V to 5V
2
CH0
Analog Input Channel 0
3
CH1
Analog Input Channel 1
4
CH2
Analog Input Channel 2
5
CH3
Analog Input Channel 3
6
COM
Ground Reference for Analog Inputs. Sets zero code voltage in single-ended mode. Connect this pin to ground or ground reference
point.
7
SHDN
Shutdown. When LOW, the device enters a very low power shutdown mode.
8VREF
Voltage Reference Input. See Electrical Characteristics Table for ranges.
9+VCC
Power Supply, 2.7V to 5V
10
GND
Ground. Connect to Analog Ground
11
GND
Ground. Connect to Analog Ground.
12
DOUT
Serial Data Output. Data is shifted on the falling edge of DCLK. This output is high impedance when CS is HIGH.
13
BUSY
Busy Output. This output is high impedance when CS is HIGH.
14
DIN
Serial Data Input. If CS is LOW, data is latched on rising edge of DCLK.
15
CS
Chip Select Input. Controls conversion timing and enables the serial input/output register.
16
DCLK
External Clock Input. This clock runs the SAR conversion process and synchronizes serial data I/O. Maximum input clock frequency
equals 2.4MHz to achieve 100kHz sampling rate.
ABSOLUTE MAXIMUM RATINGS(1)
+VCC to GND ........................................................................ –0.3V to +6V
Analog Inputs to GND ............................................ –0.3V to +VCC + 0.3V
Digital Inputs to GND ........................................................... –0.3V to +6V
Power Dissipation .......................................................................... 250mW
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
1
2
3
4
5
6
7
8
+V
CC
CH0
CH1
CH2
CH3
COM
SHDN
V
REF
DCLK
CS
DIN
BUSY
DOUT
GND
GND
+V
CC
16
15
14
13
12
11
10
9
ADS8341


Similar Part No. - ADS8341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341E TI-ADS8341E Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341E TI1-ADS8341E Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341E/2K5 TI-ADS8341E/2K5 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341E/2K5 TI1-ADS8341E/2K5 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343 BURR-BROWN-ADS8343 Datasheet
446Kb / 18P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8345 TI-ADS8345 Datasheet
505Kb / 18P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI1-ADS8345_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8344 TI1-ADS8344_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8344 BURR-BROWN-ADS8344 Datasheet
278Kb / 13P
   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com