Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8320 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS8320
Description  16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8320 Datasheet(HTML) 3 Page - Texas Instruments

  ADS8320_14 Datasheet HTML 1Page - Texas Instruments ADS8320_14 Datasheet HTML 2Page - Texas Instruments ADS8320_14 Datasheet HTML 3Page - Texas Instruments ADS8320_14 Datasheet HTML 4Page - Texas Instruments ADS8320_14 Datasheet HTML 5Page - Texas Instruments ADS8320_14 Datasheet HTML 6Page - Texas Instruments ADS8320_14 Datasheet HTML 7Page - Texas Instruments ADS8320_14 Datasheet HTML 8Page - Texas Instruments ADS8320_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ADS8320
3
SBAS108D
www.ti.com
SPECIFICATIONS: +VCC = +2.7V
At –40
°C to +85°C, V
REF = 2.5V, –IN = GND, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE, unless otherwise specified.
ADS8320E
ADS8320EB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
16
Bits
ANALOG INPUT
Full-Scale Input Span
+In – (–In)
0
VREF
✻✻
V
Absolute Input Range
+In
–0.1
VCC + 0.1
✻✻
V
–In
–0.1
+0.5
✻✻
V
Capacitance
45
pF
Leakage Current
1
nA
SYSTEM PERFORMANCE
No Missing Codes
14
15
Bits
Integral Linearity Error
±0.008
±0.018
±0.006
±0.012 % of FSR
Offset Error
±1
±2
±0.5
±1mV
Offset Temperature Drift
±3
µV/°C
Gain Error
±0.05
±0.024 % of FSR
Gain Temperature Drift
±0.3
ppm/
°C
Noise
20
µVrms
Power-Supply Rejection Ratio
+2.7V < VCC < +3.3V
3
LSB(1)
SAMPLING DYNAMICS
Conversion Time
16
Clk Cycles
Acquisition Time
4.5
Clk Cycles
Throughput Rate
100
kHz
Clock Frequency Range
0.024
2.4
✻✻
MHz
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion
VIN = 2.7Vp-p at 1kHz
–86
–88
dB
SINAD
VIN = 2.7Vp-p at 1kHz
84
86
dB
Spurious-Free Dynamic Range
VIN = 2.7Vp-p at 1kHz
86
88
dB
SNR
88
90
dB
REFERENCE INPUT
Voltage Range
0.5
VCC
✻✻
V
Resistance
CS = GND, fSAMPLE = 0Hz
5
G
CS = VCC
5
G
Current Drain
20
50
✻✻
µA
CS = VCC
0.1
3
✻✻
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Levels:
VIH
IIH = +5µA
2.0
VCC + 0.3
✻✻
V
VIL
IIL = +5µA
–0.3
0.8
✻✻
V
VOH
IOH = –250µA
2.1
V
VOL
IOL = 250µA
0.4
V
Data Format
Straight Binary
POWER-SUPPLY REQUIREMENTS
VCC
Specified Performance
2.7
3.3
✻✻
V
VCC Range(3)
2.0
5.25
✻✻
V
See Note 2
2.0
2.7
✻✻
V
Quiescent Current
650
1300
✻✻
µA
fSAMPLE = 10kHz(4,5)
100
µA
Power Dissipation
1.8
3.8
✻✻
mW
Power-Down
CS = VCC
0.3
3
✻✻
µA
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
✻ Specifications same as ADS8320E.
NOTES: (1) LSB means Least Significant Bit. With VREF equal to +2.5V, one LSB is 0.038mV.
(2) The maximum clock rate of the ADS8320 is less than 2.4MHz in this power supply range.
(3) See the
Typical Performance Curves for more information.
(4) fCLK = 2.4MHz, CS = VCC for 216 clock cycles out of every 240.
(5) See the Power Dissipation section for more information regarding lower sample rates.


Similar Part No. - ADS8320_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8320-HT TI1-ADS8320-HT Datasheet
389Kb / 27P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8320-HT TI1-ADS8320-HT_13 Datasheet
341Kb / 26P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320E BURR-BROWN-ADS8320E Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320E/250 TI1-ADS8320E/250 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320E/250G4 TI1-ADS8320E/250G4 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8320_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com