Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40C1000G Datasheet(PDF) 2 Page - General Semiconductor

Part # B40C1000G
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

B40C1000G Datasheet(HTML) 2 Page - General Semiconductor

  B40C1000G Datasheet HTML 1Page - General Semiconductor B40C1000G Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
0.01
0.1
1
10
1
2
4
6
10
20
40
60
100
0
10
20
30
40
50
0.1
1
10
100
1
10
100
0.40.6
0.81.0
1.2
1.4
0.01
0.1
1
10
20
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
RATINGS AND CHARACTERISTICS CURVES B40C1000G THRU B380C1000G
FIG.1 - DERATING CURVE
OUTPUT RECTIFIED CURRENT
B40C1000G...B125C1000G
AMBIENT TEMPERATURE, °C
50 to 60Hz
RESISTIVE OR
INDUCTIVE LOAD
50 to 60Hz
RESISTIVE OR
INDUCTIVE LOAD
FIG. 2 - DERATING CURVES FOR
OUTPUT RECTIFIED CURRENT
B250C1000G...B380C1000G
TJ=125°C
10mS SINGLE SINE-WAVE
FIG. 3 - MAXIMUM NON-REPETITIVE PEAK
FORWARD CURRENT PER LEG
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
NUMBERS OF CYCLES AT 50 HZ
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
FIG. 4 - TYPICAL FORWARD CHARACTERISTICS
PER LEG
FIG. 5 - TYPICAL REVERSE
CHARACTERISTICS PER LEG
REVERSE VOLTAGE, VOLTS
TJ=25
°C
f=1.0 MHz
Vsig=50MVp-p
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
CAPACITIVE
LOAD
CAPACITIVE
LOAD
COPPER PADS
0.22 x 0.22” (5.5 x 5.5mm)
COPPER PADS
0.22 x 0.22” (5.5 x 5.5mm)
P.C.B.
0-10
µF
10-100
µF
>100
µF
0-10
µF
10-100
µF
>100
µF
P.C.B.
AMBIENT TEMPERATURE, °C
TJ=100°C
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
PER LEG
0.375”
(9.5mm)
0.375”
(9.5mm)
TJ=25°C


Similar Part No. - B40C1000G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B40C1000G VISHAY-B40C1000G Datasheet
100Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
B40C1000G VISHAY-B40C1000G Datasheet
85Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
01-Jan-2022
B40C1000G-E4 VISHAY-B40C1000G-E4 Datasheet
80Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 08-Jul-13
B40C1000G VISHAY-B40C1000G_13 Datasheet
80Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 08-Jul-13
B40C1000G VISHAY-B40C1000G_V01 Datasheet
85Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
01-Jan-2022
More results

Similar Description - B40C1000G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com