Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29DL323TE80TR Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MBM29DL323TE80TR
Description  32M (4M x 8/2M x 16) BIT Dual Operation
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29DL323TE80TR Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MBM29DL323TE80TR Datasheet HTML 1Page - Fujitsu Component Limited. MBM29DL323TE80TR Datasheet HTML 2Page - Fujitsu Component Limited. MBM29DL323TE80TR Datasheet HTML 3Page - Fujitsu Component Limited. MBM29DL323TE80TR Datasheet HTML 4Page - Fujitsu Component Limited. MBM29DL323TE80TR Datasheet HTML 5Page - Fujitsu Component Limited. MBM29DL323TE80TR Datasheet HTML 6Page - Fujitsu Component Limited. MBM29DL323TE80TR Datasheet HTML 7Page - Fujitsu Component Limited. MBM29DL323TE80TR Datasheet HTML 8Page - Fujitsu Component Limited. MBM29DL323TE80TR Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
MBM29DL32XTE/BE-80/90/12
3
s FEATURES
•0.23
µm Process Technology
• Simultaneous Read/Write operations (dual bank)
Multiple devices available with different bank sizes (Refer to Table 1)
Host system can program or erase in one bank, then immediately and simultaneously read from the other bank
Zero latency between read and write operations
Read-while-erase
Read-while-program
• Single 3.0 V read, program, and erase
Minimizes system level power requirements
• Compatible with JEDEC-standard commands
Uses same software commands as E2PROMs
• Compatible with JEDEC-standard world-wide pinouts
48-pin TSOP(I) (Package suffix: TN – Normal Bend Type, TR – Reversed Bend Type)
63-ball FBGA (Package suffix: PBT
• Minimum 100,000 program/erase cycles
• High performance
80 ns maximum access time
• Sector erase architecture
Eight 4K word and sixty-three 32K word sectors in word mode
Eight 8K byte and sixty-three 64K byte sectors in byte mode
Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Boot Code Sector Architecture
T = Top sector
B = Bottom sector
• Hidden ROM (Hi-ROM) region
64K byte of Hi-ROM, accessible through a new “Hi-ROM Enable” command sequence
Factory serialized and protected to provide a secure electronic serial number (ESN)
•WP/ACC input pin
At VIL, allows protection of boot sectors, regardless of sector protection/unprotection status
At VIH, allows removal of boot sector protection
At VACC, increases program performance
• Embedded EraseTM*Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switch themselves to low power mode.
•Low VCC write inhibit
≤ 2.5 V
• Erase Suspend/Resume
Suspends the erase operation to allow a read data and/or program in another sector within the same device
• Sector group protection
Hardware method disables any combination of sector groups from program or erase operations
• Sector Group Protection Set function by Extended sector group protection command
• Fast Programming Function by Extended Command
• Temporary sector group unprotection
Temporary sector group unprotection via the RESET pin.
• In accordance with CFI (Common Flash Memory Interface)
*: Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MBM29DL323TE80TR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29DL323TE80TR SPANSION-MBM29DL323TE80TR Datasheet
1Mb / 84P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
More results

Similar Description - MBM29DL323TE80TR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL32XTD FUJITSU-MBM29DL32XTD Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
Fujitsu Component Limit...
MBM29PDS322TE FUJITSU-MBM29PDS322TE Datasheet
694Kb / 66P
   32M (2M x 16) BIT Page Dual Operation
logo
Sharp Corporation
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
   CMOS 32M (4M x 8/2M x 16) MROM
logo
Macronix International
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
   32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F033C FUJITSU-MBM29F033C Datasheet
478Kb / 46P
   32M (4M X 8) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29L3211 MCNIX-MX29L3211 Datasheet
659Kb / 38P
   32M-BIT [4M x 8/2M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com