Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1278 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS1278
Description  Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1278_14 Datasheet HTML 1Page - Texas Instruments ADS1278_14 Datasheet HTML 2Page - Texas Instruments ADS1278_14 Datasheet HTML 3Page - Texas Instruments ADS1278_14 Datasheet HTML 4Page - Texas Instruments ADS1278_14 Datasheet HTML 5Page - Texas Instruments ADS1278_14 Datasheet HTML 6Page - Texas Instruments ADS1278_14 Datasheet HTML 7Page - Texas Instruments ADS1278_14 Datasheet HTML 8Page - Texas Instruments ADS1278_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
ADS1274
ADS1278
SBAS367F
– JUNE 2007 – REVISED FEBRUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = –40°C to +105°C, AVDD = +5V, DVDD = +1.8V, IOVDD = +3.3V, fCLK = 27MHz, VREFP = 2.5V,
VREFN = 0V, and all channels active, unless otherwise noted.
ADS1274, ADS1278
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
Crosstalk
f = 1kHz,
–0.5dBFS(5)
–107
dB
High-Speed mode
101
106
dB
VREF = 2.5V
103
110
dB
High-Resolution mode
Signal-to-noise ratio (SNR)(6)
VREF = 3V
111
dB
(unweighted)
Low-Power mode
101
106
dB
Low-Speed mode
101
107
dB
Total harmonic distortion (THD)(7)
VIN = 1kHz, –0.5dBFS
–108
–96
dB
Spurious-free dynamic range
109
dB
Passband ripple
±0.005
dB
Passband
0.453 fDATA
Hz
–3dB Bandwidth
0.49 fDATA
Hz
High-Resolution mode
95
dB
Stop band attenuation
All other modes
100
High-Resolution mode
0.547 fDATA
127.453 fDATA
Hz
Stop band
All other modes
0.547 fDATA
63.453 fDATA
Hz
High-Resolution mode
39/fDATA
s
Group delay
All other modes
38/fDATA
s
High-Resolution mode
Complete settling
78/fDATA
s
Settling time (latency)
All other modes
Complete settling
76/fDATA
s
VOLTAGE REFERENCE INPUTS
Negative reference input (VREFN)
AGND
– 0.1
AGND + 0.1
V
0.1
≤ fCLK ≤ 27MHz
0.5
2.5
3.1
V
Reference input voltage (VREF)
(8)
27
< fCLK ≤ 32.768MHz
0.5
2.5
2.6
V
(VREF = VREFP – VREFN)
32.768MHz
< fCLK ≤ 37MHz
0.5
2.048
2.1
V
High-Speed mode
1.3
k
High-Resolution mode
1.3
k
ADS1274
Reference Input impedance
Low-Power mode
2.6
k
Low-Speed mode
13
k
High-Speed mode
0.65
k
High-Resolution mode
0.65
k
ADS1278
Reference Input impedance
Low-Power mode
1.3
k
Low-Speed mode
6.5
k
DIGITAL INPUT/OUTPUT (IOVDD = 1.8V to 3.6V)
VIH
0.7 IOVDD
IOVDD
V
VIL
DGND
0.3 IOVDD
V
VOH
IOH = 4mA
0.8 IOVDD
IOVDD
V
VOL
IOL = 4mA
DGND
0.2 IOVDD
V
Input leakage
0
< VIN DIGITAL < IOVDD
±10
μA
High-Speed mode(8)
0.1
37
MHz
Master clock rate (fCLK)
Other modes
0.1
27
MHz
(5)
Worst-case channel crosstalk between one or more channels.
(6)
Minimum SNR is ensured by the limit of the DC noise specification.
(7)
THD includes the first nine harmonics of the input signal; Low-Speed mode includes the first five harmonics.
(8)
fCLK = 37MHz max for High-Speed mode, and 27MHz max for all other modes. See Table 7 for VREF restrictions in High-Speed mode.
4
Submit Documentation Feedback
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1274 ADS1278


Similar Part No. - ADS1278_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1278_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS1274 BURR-BROWN-ADS1274 Datasheet
1Mb / 49P
   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1174 TI-ADS1174 Datasheet
1Mb / 35P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_14 Datasheet
1Mb / 40P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com