Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1278 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS1278
Description  Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1278_14 Datasheet HTML 6Page - Texas Instruments ADS1278_14 Datasheet HTML 7Page - Texas Instruments ADS1278_14 Datasheet HTML 8Page - Texas Instruments ADS1278_14 Datasheet HTML 9Page - Texas Instruments ADS1278_14 Datasheet HTML 10Page - Texas Instruments ADS1278_14 Datasheet HTML 11Page - Texas Instruments ADS1278_14 Datasheet HTML 12Page - Texas Instruments ADS1278_14 Datasheet HTML 13Page - Texas Instruments ADS1278_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
10k
100k
High-SpeedMode
f
=1kHz, 0.5dBFS
-
IN
32,768Points
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
10k
100k
High-SpeedMode
f
=1kHz, 20dBFS
-
IN
32,768Points
1
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
10k
100k
High-SpeedMode
ShortedInput
262,144Points
Output( V)
m
25k
20k
15k
10k
5k
0
High-SpeedMode
ShortedInput
262,144Points
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
10k
100k
High-ResolutionMode
f
=1kHz, 0.5dBFS
-
IN
32,768Points
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
10k
100k
High-ResolutionMode
f
=1kHz, 20dBFS
-
IN
32,768Points
ADS1274
ADS1278
SBAS367F
– JUNE 2007 – REVISED FEBRUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, High-Speed mode, AVDD = +5V, DVDD = +1.8V, IOVDD = +3.3V, fCLK = 27MHz, VREFP = 2.5V, and
VREFN = 0V, unless otherwise noted.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 1.
Figure 2.
OUTPUT SPECTRUM
NOISE HISTOGRAM
Figure 3.
Figure 4.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 5.
Figure 6.
10
Submit Documentation Feedback
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1274 ADS1278


Similar Part No. - ADS1278_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1278_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS1274 BURR-BROWN-ADS1274 Datasheet
1Mb / 49P
   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1174 TI-ADS1174 Datasheet
1Mb / 35P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_14 Datasheet
1Mb / 40P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com