Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1258 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258
Description  16-Channel, 24-Bit Analog-to-Digital Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1258 Datasheet HTML 3Page - Texas Instruments ADS1258 Datasheet HTML 4Page - Texas Instruments ADS1258 Datasheet HTML 5Page - Texas Instruments ADS1258 Datasheet HTML 6Page - Texas Instruments ADS1258 Datasheet HTML 7Page - Texas Instruments ADS1258 Datasheet HTML 8Page - Texas Instruments ADS1258 Datasheet HTML 9Page - Texas Instruments ADS1258 Datasheet HTML 10Page - Texas Instruments ADS1258 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
SCLK
CS
(1)
DIN
DOUT
t
SCLK
t
CSSC
t
SPW
t
DIST
t
DIHD
t
SPW
t
CSDO
Hi-Z
Hi-Z
t
CSPW
t
DOPD
t
DOHD
NOTE:(1)
canbetiedlow.
CS
DRDY
DOUT
t
DRDY
t
DDO
ADS1258
www.ti.com
SBAS297G
– JUNE 2005 – REVISED MARCH 2011
PARAMETER MEASUREMENT INFORMATION
Figure 1. Serial Interface Timing
Table 1. SERIAL INTERFACE TIMING CHARACTERISTICS
At TA= –40°C to +105°C and DVDD = 2.7V to 5.25V, unless otherwise noted.
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
tSCLK
SCLK Period
2
τCLK
(1)
tSPW
SCLK High or Low Pulse Width (exceeding max resets SPI interface)
0.8
4096(2)
τCLK
tCSSC
CS Low to First SCLK: Setup Time(3)
2.5
τCLK
tDIST
Valid DIN to SCLK Rising Edge: Setup Time
10
ns
tDIHD
Valid DIN to SCLK Rising Edge: Hold Time
5
ns
tDOPD
SCLK Falling Edge to Valid New DOUT: Propagation Delay(4)
20
ns
tDOHD
SCLK Falling Edge to Old DOUT Invalid: Hold Time
0
ns
tCSDO
CS High to DOUT Invalid (tri-state)
5
τCLK
tCSPW
CS Pulse Width High
2
τCLK
(1)
τCLK = master clock period = 1/fCLK.
(2)
Programmable to 256
τCLK.
(3)
CS can be tied low.
(4)
DOUT load = 20 pF || 100k
Ω to DGND.
Figure 2. DRDY Update Timing
Table 2. DRDY UPDATE TIMING CHARACTERISTICS
SYMBOL
DESCRIPTION
TYP
UNITS
t DRDY
DRDY High Pulse Width Without Data Read
1
τCLK
tDDO
Valid DOUT to DRDY Falling Edge (CS = 0)
0.5
τCLK
Copyright
© 2005–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1258


Similar Part No. - ADS1258

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258EVM TI-ADS1258EVM Datasheet
919Kb / 39P
[Old version datasheet]   SBAU126C?밠ay 2007?밨evised May 2011
ADS1258EVM-PDK TI-ADS1258EVM-PDK Datasheet
919Kb / 39P
[Old version datasheet]   SBAU126C?밠ay 2007?밨evised May 2011
More results

Similar Description - ADS1258

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1158 TI1-ADS1158_14 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158 TI-ADS1158 Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com