Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1254 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1254
Description  24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1254 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1254 Datasheet HTML 3Page - Texas Instruments ADS1254 Datasheet HTML 4Page - Texas Instruments ADS1254 Datasheet HTML 5Page - Texas Instruments ADS1254 Datasheet HTML 6Page - Texas Instruments ADS1254 Datasheet HTML 7Page - Texas Instruments ADS1254 Datasheet HTML 8Page - Texas Instruments ADS1254 Datasheet HTML 9Page - Texas Instruments ADS1254 Datasheet HTML 10Page - Texas Instruments ADS1254 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADS1254
7
SBAS213B
www.ti.com
THEORY OF OPERATION
The ADS1254 is a precision, high-dynamic range, 24-bit,
delta-sigma, A/D converter capable of achieving very
high-resolution digital results at high data rates.
The analog-input signal is sampled at a rate determined by the
frequency of the system clock (CLK). The sampled analog
input is modulated by the delta-sigma A/D modulator, which
is followed by a digital filter. A Sinc5 digital low-pass filter
processes the output of the delta-sigma modulator and writes
the result into the data-output register. The DOUT/DRDY pin
is pulled LOW, indicating that new data is available to be read
by the external microcontroller/microprocessor. As shown in
the block diagram, the main functional blocks of the ADS1254
are the fourth-order delta-sigma modulator, a digital filter,
control logic, and a serial interface. Each of these functional
blocks is described below.
ANALOG INPUT
The ADS1254 contains a fully differential analog input. In order
to provide low system noise, common-mode rejection of 102dB,
and excellent power-supply rejection, the design topology is
based on a fully differential switched-capacitor architecture. The
bipolar input voltage range is from –4.096V to +4.096V, when
the reference input voltage equals +4.096V. The bipolar range is
with respect to –VIN, and not with respect to GND.
Figure 1 shows the basic input structure of the ADS1254.
The impedance is directly related to the sampling frequency
of the input capacitor that is set by the CLK rate. Higher
CLK rates result in lower impedance, and lower CLK rates
result in higher impedance.
20.8kHz with a –3dB frequency of 4.24kHz. The –3dB
frequency scales with the system clock frequency.
To ensure the best linearity of the ADS1254, a fully differen-
tial signal is recommended.
INPUT MULTIPLEXER
The CHSEL1 and CHSEL0 pins are used to select the analog
input channel, as shown in Table I. The recommended
method for changing channels is to change them after the
conversion from the previous channel has been completed
and read. When a channel is changed, internal logic senses
the change on the falling edge of CLK and resets the
conversion process. The conversion data from the new
channel is valid on the first DRDY after the channel change.
When multiplexing inputs, it is possible to achieve sample
rates close to 4kHz. This is due to the fact that it requires five
internal conversion cycles for the data to fully settle; the data
also must be read before the channel is changed. The DRDY
signal indicates a valid result after the five cycles have
occurred.
BIPOLAR INPUT
R
SW
(1300
Ω typical)
Modulator Frequency
= f
MOD
Internal
Circuitry
C
INT
(6pF typical)
V
CM
A
IN
The input impedance of the analog input changes with the
ADS1254 system clock frequency (CLK). The relationship is:
AIN Impedance (Ω) = (8MHz/CLK) • 125,000
With regard to the analog-input signal, the overall analog
performance of the device is affected by three items: first, the
input impedance can affect accuracy. If the source impedance
of the input signal is significant, or if there is passive filtering
prior to the ADS1254, a significant portion of the signal can be
lost across this external impedance. The magnitude of the
effect is dependent on the desired system performance.
Second, the current into or out of the analog inputs must be
limited. Under no conditions should the current into or out
of the analog inputs exceed 10mA.
Third, to prevent aliasing of the input signal, the analog-input
signal must be band limited. The bandwidth of the A/D
converter is a function of the system clock frequency. With a
system clock frequency of 8MHz, the data-output rate is
FIGURE 1. Analog-Input Structure.
FIGURE 2. Level Shift Circuit for Bipolar Input Ranges.
BIPOLAR INPUT
R1
R2
±10V
2.5k
5k
±5V
5k
10k
±2.5V
10k
20k
10k
20k
R
1
OPA4350
OPA4350
OPA4350
+IN
–IN
V
REF
ADS1254
R2
Bipolar
Input
REF
2.5V
CHSEL1
CHSEL0
CHANNEL
0
0
CH1
0
1
CH2
1
0
CH3
1
1
CH4
TABLE I. Channel Selection.
Each of the differential inputs of the ADS1254 must stay
between AGND and AVDD. With a reference voltage at less
than half of AVDD, one input can be tied to the reference
voltage, and the other input can range from AGND to
2 • VREF. By using a three op amp circuit featuring a single
amplifier and four external resistors, the ADS1254 can be
configured to accept bipolar inputs referenced to ground.
The conventional
±2.5V, ±5V, and ±10V input ranges can
be interfaced to the ADS1254 using the resistor values
shown in Figure 2.


Similar Part No. - ADS1254

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1254 TI-ADS1254 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254-EP TI1-ADS1254-EP Datasheet
537Kb / 26P
[Old version datasheet]   24-Bit, 20-kHz, LOW POWER ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254E BURR-BROWN-ADS1254E Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1254E/2K5 BURR-BROWN-ADS1254E/2K5 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1254

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI1-ADS1251_14 Datasheet
901Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com