Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1251U2K5 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS1251U2K5
Description  24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1251U2K5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1251U2K5 Datasheet HTML 5Page - Texas Instruments ADS1251U2K5 Datasheet HTML 6Page - Texas Instruments ADS1251U2K5 Datasheet HTML 7Page - Texas Instruments ADS1251U2K5 Datasheet HTML 8Page - Texas Instruments ADS1251U2K5 Datasheet HTML 9Page - Texas Instruments ADS1251U2K5 Datasheet HTML 10Page - Texas Instruments ADS1251U2K5 Datasheet HTML 11Page - Texas Instruments ADS1251U2K5 Datasheet HTML 12Page - Texas Instruments ADS1251U2K5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADS1251
9
SBAS184D
www.ti.com
frequency must be 19.200kHz, and this sets the data output
rate to 50Hz (see Table I and Figure 4). For 60Hz rejection, the
system CLK frequency must be 23.040kHz, and this sets the
data output rate to 60Hz (see Table I and Figure 5). If both
50Hz and 60Hz rejection is required, then the system CLK
must be 3.840kHz; this sets the data output rate to 10Hz and
rejects both 50Hz and 60Hz (see Table I and Figure 6).
There is an additional benefit in using a lower data output
rate. It provides better rejection of signals in the frequency
band of interest. For example, with a 50Hz data output rate,
a significant signal at 75Hz may alias back into the passband
at 25Hz. This is due to the fact that rejection at 75Hz may
only be 66dB in the stopband—frequencies higher than the
first notch frequency (see Figure 4). However, setting the
data output rate to 10Hz provides 135dB rejection at 75Hz
(see Figure 6). A similar benefit is gained at frequencies near
the data output rate (see Figures 7, 8, 9, and 10). For
example, with a 50Hz data output rate, rejection at 55Hz may
only be 105dB (see Figure 7). With a 10Hz data output rate,
however, rejection at 55Hz will be 122dB (see Figure 8). If a
slower data output rate does not meet the system require-
ments, then the analog front-end can be designed to provide
the needed attenuation to prevent aliasing. Additionally, the
data output rate may be increased and additional digital
filtering may be done in the processor or controller.
Application note SBAA103,
A Spreadsheet to Calculate the
Frequency Response of the ADS1250-54, available for down-
load from TI’s web site at www.ti.com, provides a simple tool
for calculating the ADS1250 frequency response for any CLK
frequency.
The digital filter is described by the following transfer function:
Hf
f
f
f
f
or
Hz
z
z
MOD
MOD
()
sin
••
• sin
()
•–
=




=
(
)
π
π
64
64
1
64
1
5
64
1
5
The digital filter requires five conversions to fully settle. The
modulator has an oversampling ratio of 64; therefore, it
requires 5 • 64, or 320 modulator results (or clocks) to fully
settle. As the modulator clock is derived from the system
CLK (modulator clock = CLK
÷ 6), the number of system
clocks required for the digital filter to fully settle is
5 • 64 • 6, or 1920 CLKs. This means that any significant step
change at the analog input requires five full conversions to
settle. However, if the step change at the analog input occurs
asynchronously to the DOUT/DRDY pulse, six conversions
are required to ensure full settling.
CONTROL LOGIC
The control logic is used for communications and control of
the ADS1251.
Power-Up Sequence
Prior to power-up, all digital and analog input pins must be
LOW. At the time of power-up, these signal inputs can be
biased to a voltage other than 0V; however, they should
never exceed +VDD.
Once the ADS1251 powers up, the DOUT/DRDY line will
pulse LOW on the first conversion for which the data is valid
from the analog input signal.
DOUT/DRDY
The DOUT/DRDY output signal alternates between two
modes of operation. The first mode of operation is the Data
Ready mode (DRDY) to indicate that new data have been
loaded into the data output register and are ready to be read.
The second mode of operation is the Data Output (DOUT)
mode and is used to serially shift data out of the Data Output
Register (DOR). See Figure 11 for the time domain partition-
ing of the DRDY and DOUT function.
See Figure 12 for the basic timing of DOUT/DRDY. During
the time defined by t2, t3, and t4, the DOUT/DRDY pin
functions in DRDY mode. The state of the DOUT/DRDY pin


Similar Part No. - ADS1251U2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1251U2K5 TI-ADS1251U2K5 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251U2K5G4 TI-ADS1251U2K5G4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1251U2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com