Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1222 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS1222
Description  24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1222 Datasheet(HTML) 2 Page - Texas Instruments

  ADS1222_14 Datasheet HTML 1Page - Texas Instruments ADS1222_14 Datasheet HTML 2Page - Texas Instruments ADS1222_14 Datasheet HTML 3Page - Texas Instruments ADS1222_14 Datasheet HTML 4Page - Texas Instruments ADS1222_14 Datasheet HTML 5Page - Texas Instruments ADS1222_14 Datasheet HTML 6Page - Texas Instruments ADS1222_14 Datasheet HTML 7Page - Texas Instruments ADS1222_14 Datasheet HTML 8Page - Texas Instruments ADS1222_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ADS1222
SBAS314B − APRIL 2004 − REVISED JANUARY 2009
www.ti.com
2
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
PACKAGE
MARKING
ORDERING NUMBER
TRANSPORT MEDIA,
QUANTITY
ADS1222
TSSOP-14
PW
ADS1222
ADS1222IPWT
Tape and Reel, 250
ADS1222
TSSOP-14
PW
ADS1222
ADS1222IPWR
Tape and Reel, 2000
(1) For the most current specification and package information, refer to our web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
ADS1222
UNIT
VDD to GND
−0.3 to +6
V
Input current
100, momentary
mA
Input current
10, continuous
mA
Analog input voltage to GND
−0.3 to VDD + 0.3
V
Digital input voltage to GND
−0.3 to VDD + 0.3
V
Maximum Junction Temperature
+150
°C
Operating Temperature Range
−55 to +125
°C
Storage Temperature Range
−60 to +150
°C
Lead Temperature (soldering, 10s)
+300
°C
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.


Similar Part No. - ADS1222_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1222IPWR BURR-BROWN-ADS1222IPWR Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
logo
Texas Instruments
ADS1222IPWR TI1-ADS1222IPWR Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1222IPWT BURR-BROWN-ADS1222IPWT Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
logo
Texas Instruments
ADS1222IPWT TI1-ADS1222IPWT Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1222_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1222 BURR-BROWN-ADS1222 Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
ADS1224 TI1-ADS1224_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 4-Channel Differential in put Multiplexxer
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com